Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK311-010 Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce STK311-010
Description  RDS Demodulation Synchronization and Error Correction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK311-010 Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  STK311-010 Datasheet HTML 1Page - Sanyo Semicon Device STK311-010 Datasheet HTML 2Page - Sanyo Semicon Device STK311-010 Datasheet HTML 3Page - Sanyo Semicon Device STK311-010 Datasheet HTML 4Page - Sanyo Semicon Device STK311-010 Datasheet HTML 5Page - Sanyo Semicon Device STK311-010 Datasheet HTML 6Page - Sanyo Semicon Device STK311-010 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Operating Characteristics at Ta = 25°C, VCC = 5V
No. 4374-2/7
STK311-010
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
26
38
mA
Band-pass filter gain
VGBPF
f = 57 Hz
9
12.5
17
dB
f = 60 kHz (57 kHz = 0 dB)
–6
–2.5
0
dB
Band-pass filter selectivity
f = 54 kHz (57 kHz = 0 dB)
–6
–3.5
0
dB
f = 38 kHz (57 kHz = 0 dB)
–39
–33
dB
PLL capture range
CR
5 mVrms, CW input
–0.9
%
+1.5
%
RDS detection seisitivity
4 pin input voltage which sets 12 pin to low
0.4
1.0
mVrms
SK detection seisitivity
4 pin input voltage which sets 11 pin to low
1.0
2.0
mVrms
DK detection seisitivity
4 pin input voltage which sets 10 pin to low
1.7
2.6
mVrms
4 pin maximum input signal (ARI + RDS)
RDS input dynamic range
which sets 12 pin to low
30
50
mVrms
DK input dynamic range
4 pin maximum input signal (ARI)
75
100
mVrms
which sets 10 pin to low
VCO free-run frequency
fOSC
453
456
459
kHz
Output high level voltage
VOH
*1 IOH = –50 µA
VCC – 1.2
V
*1 IOH = –10 µA
VCC – 0.5
V
Output low level voltage
VOL
*2 IOL = 10 mA
1.5
V
*2 IOL = 1.8 mA
0.4
V
Ceramic oscillator stability time
tCFS
Refer to Figure 1
10
ms
Reset time
tRST
Refer to Figure 2
Note: 1. DATA START, DATA OUT, CLOCK OUT
2. RECEIVE, CORRECTION, ERROR, DATA START, DATA OUT, CLOCK OUT
Note: STK311-010 defaults to setting 1 though other settings are supported.
Other
The STK311-010 supports HIC internal settings for all output signals of CLK OUT and DATA START. These are
shown in the following table.
Table 1 Output Signal Settings
Setting
Polarity of CLK OUT
DATA START Output
1
Negative edge trigger
Every block
2
Negative edge trigger
Only 2nd block
3
Positive edge trigger
Every block
4
Positive edge trigger
Only 2nd block


Numéro de pièce similaire - STK311-010

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK311-020 SANYO-STK311-020 Datasheet
148Kb / 7P
   RDS Demodulator Synchronization and Error Correction?
STK311-050 SANYO-STK311-050 Datasheet
160Kb / 8P
   RDS/RBDS Demodulator Synchronization and Error Correction?
More results

Description similaire - STK311-010

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK311-020 SANYO-STK311-020 Datasheet
148Kb / 7P
   RDS Demodulator Synchronization and Error Correction?
STK311-050 SANYO-STK311-050 Datasheet
160Kb / 8P
   RDS/RBDS Demodulator Synchronization and Error Correction?
LC7070N SANYO-LC7070N Datasheet
195Kb / 8P
   Sync and Error Detection & Correction LSIs for RDS
LC7074M SANYO-LC7074M Datasheet
373Kb / 18P
   Synchronous Error Correction LSI for RDS Applications
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
LC72723 SANYO-LC72723 Datasheet
114Kb / 8P
   RDS Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
logo
ATMEL Corporation
AT83SND2CMP3A1 ATMEL-AT83SND2CMP3A1_14 Datasheet
1Mb / 98P
   CRC Error and MPEG Frame Synchronization Indicators
logo
ON Semiconductor
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
logo
ATMEL Corporation
AT83SND2CDVX ATMEL-AT83SND2CDVX_14 Datasheet
1Mb / 98P
   CRC Error and MPEG Frame Synchronization Indicators
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com