Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA337 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce KA337
Description  3-Terminal 1.5A Negative Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA337 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  KA337_10 Datasheet HTML 1Page - Fairchild Semiconductor KA337_10 Datasheet HTML 2Page - Fairchild Semiconductor KA337_10 Datasheet HTML 3Page - Fairchild Semiconductor KA337_10 Datasheet HTML 4Page - Fairchild Semiconductor KA337_10 Datasheet HTML 5Page - Fairchild Semiconductor KA337_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KA337
2
Absolute Maximum Ratings
Electrical Characteristics
(VI - VO = 5V, IO = 40mA, 0°C ≤ TJ ≤ +125°C, PDMAX = 20W, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
2. CADJ, when used, is connected between the adjustment pin and ground.
Parameter
Symbol
Value
Unit
Input-Output Voltage Differential
IVI - VOI40
V
Power Dissipation
PD
Internally limited
W
Operating Temperature Range
TOPR
0 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +125
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Line Regulation (Note1)
Rline
TA = +25°C
3V
I VI - VO I ≤ 40V
-
0.01
0.04
%/ V
3V
I VI - VO I ≤ 40V
-
0.02
0.07
Load Regulation (Note1)
Rload
TA = +25°C
10mA
≤ IO ≤ 0.5A
-15
50
mV
10mA
≤ IO ≤ 1.5A
-
15
150
Adjustable Pin Current
IADJ
--
50
100
μA
Adjustable Pin Current Change
ΔIADJ
TA =+25°C
10mA
≤ IO ≤ 1.5A
3V
I VI - VO I ≤ 40V
-2
5
μA
Reference Voltage
VREF
TA =+25°C
-1.213
-1.250
-1.287
V
3V
I VI - VO I ≤ 40V
10mA
≤ IO ≤ 1.5A
-1.200
-1.250
-1.300
Temperature Stability
STT
0
°C ≤ Tj ≤ +125°C
-
0.6
-
%
Minimum Load Current to Maintain
Regulation
IL(MIN)
3V
I VI - VO I ≤ 40V
-
2.5
10
mA
3V
I VI - VO I ≤ 10V
-
1.5
6
RMS Noise, % of VOUT
eN
TA =+25°C 10Hz ≤ f ≤10kHz
-
0.003
-
%
Ripple Rejection Ratio
RR
VO = -10V, f = 120Hz
-
60
-
dB
CADJ = 10μF (Note2)
66
77
-
Long Term Stability
ST
TJ = 125°C ,1000Hours
-
0.3
1
%
Thermal Resistance Junction to Case
R
θJC
--
4
-
°C/W


Numéro de pièce similaire - KA337_10

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
KA337TU ONSEMI-KA337TU Datasheet
430Kb / 9P
   3-Terminal 1.5 A Negative Adjustable Regulator
September 2014 Rev. 1.1.1
More results

Description similaire - KA337_10

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337 Datasheet
36Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337_10 Datasheet
122Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
logo
NEC
UPC337 NEC-UPC337 Datasheet
72Kb / 8P
   3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
logo
Gamma Microelectronics ...
GM317 GAMMA-GM317_12 Datasheet
208Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
GM317 GAMMA-GM317 Datasheet
184Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
Unisonic Technologies
79DXXAA UTC-79DXXAA Datasheet
211Kb / 5P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
logo
Unisonic Technologies
LM79XXA UTC-LM79XXA Datasheet
336Kb / 6P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com