Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBH0270A Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FSBH0270A
Description  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0270A Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FSBH0270A Datasheet HTML 1Page - Fairchild Semiconductor FSBH0270A Datasheet HTML 2Page - Fairchild Semiconductor FSBH0270A Datasheet HTML 3Page - Fairchild Semiconductor FSBH0270A Datasheet HTML 4Page - Fairchild Semiconductor FSBH0270A Datasheet HTML 5Page - Fairchild Semiconductor FSBH0270A Datasheet HTML 6Page - Fairchild Semiconductor FSBH0270A Datasheet HTML 7Page - Fairchild Semiconductor FSBH0270A Datasheet HTML 8Page - Fairchild Semiconductor FSBH0270A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.3
2
Ordering Information
Part Number
Sense FET
Operating
Temperature Range
VIN Pin
(PIN #4)
Package
Packing
Method
FSBH0F70ANY
0.5A 700V
-40°C to +105°C
Not Available
8-Pin Dual In-Line
Package (DIP)
Tube
FSBH0170ANY
1.0A 700V
-40°C to +105°C
FSBH0270ANY
2.0A 700V
-40°C to +105°C
FSBH0170NY
1.0A 700V
-40°C to +105°C
Enabled
FSBH0270NY
2.0A 700V
-40°C to +105°C
FSBH0370NY
3.0A 700V
-40°C to +105°C
Application Diagram
HV
Drain
GND
VDD
FB
VIN
Figure 1. Typical Flyback Application
Output Power Table
(1)
Product
230VAC ± 15%
(2)
85-265VAC
Adapter
(3)
Open Frame
(4)
Adapter
(3)
Open Frame
(4)
FSBH0F70A
7W
10W
6W
8W
FSBH0170/A
10W
15W
9W
13W
FSBH0270/A
14W
20W
11W
16W
FSBH0370
17.5W
25W
13W
19W
Notes:
1.
The maximum output power can be limited by junction temperature.
2.
230 VAC or 100/115 VAC with doublers.
3.
Typical continuous power in a non-ventilated enclosed adapter with sufficient drain pattern as a heat sink at
50
°C ambient.
4.
Maximum practical continuous power in an open-frame design with sufficient drain pattern as a heat sink at
50
°C ambient.


Numéro de pièce similaire - FSBH0270A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBH0270A FAIRCHILD-FSBH0270A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0270ANY FAIRCHILD-FSBH0270ANY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
More results

Description similaire - FSBH0270A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com