Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6300HMY Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN6300HMY
Description  Highly Integrated Quasi-Resonant Current Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300HMY Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN6300HMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6300HMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6300HMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6300HMY Datasheet HTML 9Page - Fairchild Semiconductor FAN6300HMY Datasheet HTML 10Page - Fairchild Semiconductor FAN6300HMY Datasheet HTML 11Page - Fairchild Semiconductor FAN6300HMY Datasheet HTML 12Page - Fairchild Semiconductor FAN6300HMY Datasheet HTML 13Page - Fairchild Semiconductor FAN6300HMY Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300A / FAN6300H • Rev. 1.0.1
10
Typical Performance Characteristics (Continued)
These characteristic graphs are normalized at TA = 25°C.
2.48
2.49
2.50
2.51
2.52
-40℃ -25℃ -10℃ 5℃ 20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
Temperature(oC)
7.50
7.80
8.10
8.40
8.70
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
Temperature(°C)
Figure 13. Comparator Reference Voltage
Figure 14. Minimum Off Time (VFB>VN)
32.0
34.0
36.0
38.0
40.0
42.0
-40℃ -25℃ -10℃ 5℃ 20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
Temperature(oC)
1.90
2.00
2.10
2.20
2.30
2.40
2.50
-40℃ -25℃ -10℃ 5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
Temperature(°C)
Figure 15. Minimum Off Time (VFB=VG)
Figure 16. Start Timer (VFB<VG)


Numéro de pièce similaire - FAN6300HMY

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN6300HMY ONSEMI-FAN6300HMY Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
More results

Description similaire - FAN6300HMY

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com