Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6206 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN6206
Description  Highly Integrated Dual-Channel Synchronous Rectification Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6206 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN6206 Datasheet HTML 1Page - Fairchild Semiconductor FAN6206 Datasheet HTML 2Page - Fairchild Semiconductor FAN6206 Datasheet HTML 3Page - Fairchild Semiconductor FAN6206 Datasheet HTML 4Page - Fairchild Semiconductor FAN6206 Datasheet HTML 5Page - Fairchild Semiconductor FAN6206 Datasheet HTML 6Page - Fairchild Semiconductor FAN6206 Datasheet HTML 7Page - Fairchild Semiconductor FAN6206 Datasheet HTML 8Page - Fairchild Semiconductor FAN6206 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6206 • Rev. 1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
30
V
VHV
SP, SN
30
V
VL
LPC
-0.3
7.0
V
PD
Power Dissipation at TA < 50°C
400
mW
ΘJA
Junction to Ambient Thermal Resistance
130
°C/W
Ψjt
Junction to Top Thermal Characteristics
46
°C/W
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature, (Soldering 10 Seconds)
+260
°C
ESD
Human Body Model, JESD22-A114
4.00
kV
Charged Device Model, JESD22-C101
1.25
Notes:
1.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
2.
All voltage values, except differential voltages, are given with respect to GND pin.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


Numéro de pièce similaire - FAN6206

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
FAN6204AMX ONSEMI-FAN6204AMX Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
logo
Fairchild Semiconductor
FAN6204MY FAIRCHILD-FAN6204MY Datasheet
814Kb / 14P
   Synchronous Rectification Controller
FAN6208 FAIRCHILD-FAN6208 Datasheet
478Kb / 10P
   Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
More results

Description similaire - FAN6206

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
   Highly Integration USB PD Controller with Synchronous Rectification
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
   Synchronous Rectification Controller
September 2015 Rev. 1.4
logo
Fairchild Semiconductor
FAN6791 FAIRCHILD-FAN6791 Datasheet
724Kb / 19P
   Highly Integrated, Dual-PWM Combination Controller
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
MC33470 ONSEMI-MC33470 Datasheet
306Kb / 16P
   SYNCHRONOUS RECTIFICATION DC/DC CONVERTER PROGRAMMABLE INTEGRATED CONTROLLER
1999 REV 1
logo
Intersil Corporation
HIP5020 INTERSIL-HIP5020 Datasheet
128Kb / 15P
   Integrated-Power Buck Converter Controller with Synchronous Rectification
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV Datasheet
733Kb / 15P
   ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com