Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3278T Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN3278T
Description  30V PMOS-NMOS Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3278T Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN3278T Datasheet HTML 3Page - Fairchild Semiconductor FAN3278T Datasheet HTML 4Page - Fairchild Semiconductor FAN3278T Datasheet HTML 5Page - Fairchild Semiconductor FAN3278T Datasheet HTML 6Page - Fairchild Semiconductor FAN3278T Datasheet HTML 7Page - Fairchild Semiconductor FAN3278T Datasheet HTML 8Page - Fairchild Semiconductor FAN3278T Datasheet HTML 9Page - Fairchild Semiconductor FAN3278T Datasheet HTML 10Page - Fairchild Semiconductor FAN3278T Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3278 • Rev. 1.0.0
7
Electrical Characteristics (Continued)
Unless otherwise noted, VDD=12V and TJ=-40°C to +125°C. Currents are defined as positive into the device (Isink) and
negative out of the device (Isource).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output
IPK_OFF
OUT Current, Peak, Turn-Off
(10)
CLOAD=0.1µF, f=1kHz
1.5
A
IPK_ON
OUT Current, Peak, Turn-On
(10)
CLOAD=0.1µF, f=1kHz
-1.0
A
IOFF
OUT Current, Mid-Voltage, Turn-Off
(10
OUT at VDD, CLOAD=0.1µF,
f=1kHz
1.0
A
ION
OUT Current, Mid-Voltage, Turn-On
(10)
OUT at VDD/2, CLOAD=0.1µF,
f=1kHz
-0.5
A
VOUTA
OUTA Drive Voltage
VDD=27V, INA=“HI”
11
13
V
VOUTB
OUTB Drive Voltage, VDD – VOUTB
VDD=27V, INA=“HI”
11
13
V
VOUTA
OUTA Drive Voltage
VDD=10V, INB=“HI”
6.5
7.0
V
VOUTB
OUTB Drive Voltage, VDD – VOUTB
VDD=10V, INB=“HI”
6.5
7.0
V
RO_A_SINK OUTA Sink Impedance (Turn-Off)
(10)
VDD=6V, CLOAD=0.1µF
4.2
RO_A_SRC OUTA Source Impedance (Turn-On)
(10)
VDD=6V, CLOAD=0.1µF
10.3
RO_B_SINK OUTB Sink Impedance (Turn-On)
(10)
VDD=6V, CLOAD=0.1µF
6.8
RO_B_SRC OUTB Source Impedance (Turn-Off)
(10)
VDD=6V, CLOAD=0.1µF
13.7
tON,N
Output A Rise Time
(11)
CLOAD=1000pF to GND
17
30
ns
tOFF,N
Output A Fall Time
(11)
CLOAD=1000pF to GND
8
15
ns
tON,P
Output B Fall Time
(11)
CLOAD=1000pF to VDD
21
30
ns
tOFF,P
Output B Rise Time
(11)
CLOAD=1000pF to VDD
8
15
ns
tD1
Output Propagation Delay On
(11)
0 - 5VIN, 1V/ns Slew Rate
45
70
ns
tD2
Output Propagation Delay Off
(11)
0 - 5VIN, 1V/ns Slew Rate
35
60
ns
IRVS
Output Reverse Current Withstand
(10)
500
mA
Notes:
8.
The internal gate-drive regulators provide optimum gate-drive voltage when operating from a rail of 8V to 27V.
The FAN3278 can be driven from a voltage rail of less than 8V; however, with reduced gate drive current.
9.
EN inputs have near-TTL thresholds (refer to the ENABLE section).
10. Not tested in production.
11. See the Timing Diagrams of Figure 5 and Figure 6.


Numéro de pièce similaire - FAN3278T

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3278T FAIRCHILD-FAN3278T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3278T FAIRCHILD-FAN3278T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3278T FAIRCHILD-FAN3278T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3278T FAIRCHILD-FAN3278T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3278T FAIRCHILD-FAN3278T Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Description similaire - FAN3278T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
FAN3268 ONSEMI-FAN3268 Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268_11 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-339J AVAGO-ACPL-339J Datasheet
948Kb / 23P
   Dual output drive for external NMOS and PMOS buffer
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
   30V/4A Half Bridge Driver
logo
List of Unclassifed Man...
MC1203N ETC-MC1203N Datasheet
281Kb / 4P
   LSI PMOS
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
   Single and dual PMOS high-side H-bridge
October 2015 Rev 2
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
   Single and dual PMOS high-side H-bridge
September 2013 Rev 6
logo
Hamamatsu Corporation
C7885 HAMAMATSU-C7885 Datasheet
219Kb / 4P
   Driver circuit for NMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com