Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce BAT54
Description  Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAT54 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button BAT54 Datasheet HTML 2Page - Fairchild Semiconductor BAT54 Datasheet HTML 3Page - Fairchild Semiconductor BAT54 Datasheet HTML 4Page - Fairchild Semiconductor BAT54 Datasheet HTML 5Page - Fairchild Semiconductor BAT54 Datasheet HTML 6Page - Fairchild Semiconductor BAT54 Datasheet HTML 7Page - Fairchild Semiconductor BAT54 Datasheet HTML 8Page - Fairchild Semiconductor BAT54 Datasheet HTML 9Page - Fairchild Semiconductor BAT54 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5236 • Rev. 1.3.2
6
Electrical Characteristics
Recommended operating conditions, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
IVCC
VCC Current
LDRV, HDRV Open, VSEN Forced Above
Regulation Point
2.2
3.0
µA
Shutdown (EN-0)
30
µA
ISINK
VIN Current, Sinking
VIN = 24V
10
30
µA
ISOURCE
VIN Current, Sourcing
VIN = 0V
-15
-30
µA
ISD
VIN Current, Shutdown
1
µA
VUVLO
UVLO Threshold
Rising VCC
4.30
4.55
4.75
V
Falling
4.10
4.25
4.45
V
VUVLOH
UVLO Hysteresis
300
mV
Oscillator
fosc
Frequency
255
300
345
KHz
VPP
Ramp Amplitude
VIN = 16V
2
V
VIN = 5V
1.25
V
VRAMP
Ramp Offset
0.5
V
G
Ramp / VIN Gain
VIN ≤ 3V
125
mV/V
1V < VIN < 3V
250
mV/V
Reference and Soft Start
VREF
Internal Reference Voltage
0.891
0.900
0.909
V
ISS
Soft-Start Current
At Startup
5
µA
VSS
Soft-Start Complete
Threshold
1.5
V
PWM Converters
Load Regulators
IOUTX from 0 to 5A, VIN from 5 to 24V
-2
+2
%
ISEN
VSEN Bias Current
50
80
120
nA
VOUT Pin Input Impedance
45
55
65
K
Ω
UVLOTSD Under-Voltage Shutdown
% of Set Point, 2µs Noise Filter
70
75
80
%
UVLO
Over-Voltage Threshold
% of Set Point, 2µs Noise Filter
115
120
125
%
ISNS
Over-Current Threshold
RILIM= 68.5KΩ, Figure 12
112
140
168
µA
Output Drivers
HDRV Output Resistance
Sourcing
12.0
15.0
Ω
Sinking
2.4
4.0
LDRV Output Resistance
Sourcing
12.0
15.0
Ω
Sinking
1.2
2.0
Continued on following page…


Numéro de pièce similaire - BAT54

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Guilin Strong Micro-Ele...
BAT54 GSME-BAT54 Datasheet
255Kb / 2P
   SCHOTTKY DIODE
logo
SamHop Microelectronics...
BAT54 SAMHOP-BAT54 Datasheet
336Kb / 14P
   1.2MHz STEP-UP CONVERTER
logo
FutureWafer Tech Co.,Lt...
BAT54 FUTUREWAFER-BAT54 Datasheet
1Mb / 15P
   Surface Mount Schottky Barrier Diode
07-DEC-2021 V 2.1
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54 Datasheet
262Kb / 2P
   Surface mount Schottky-Barrier Single-/ Double-Diodes
More results

Description similaire - BAT54

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com