Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5234 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN5234
Description  Dual Mobile-Friendly PWM / PFM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5234 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5234 Datasheet HTML 6Page - Fairchild Semiconductor FAN5234 Datasheet HTML 7Page - Fairchild Semiconductor FAN5234 Datasheet HTML 8Page - Fairchild Semiconductor FAN5234 Datasheet HTML 9Page - Fairchild Semiconductor FAN5234 Datasheet HTML 10Page - Fairchild Semiconductor FAN5234 Datasheet HTML 11Page - Fairchild Semiconductor FAN5234 Datasheet HTML 12Page - Fairchild Semiconductor FAN5234 Datasheet HTML 13Page - Fairchild Semiconductor FAN5234 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5234 • Rev. 2.0.0
10
0
14
18
Modulator
f
P0
f
Z
f
P
Error
amp.
R1
R2
EA Out
C1
C2
REF
V
IN
Figure 7. Compensation
kHz
6
C
R
2
1
f
1
2
Z
=
π
=
(9)
kHz
600
2
C
R
2
1
f
2
P
=
π
=
(10)
This region is also associated with phase “bump” or
reduced phase shift. The amount of phase shift
reduction depends the width of the region of flat gain
and has a maximum value of 90°. To further simplify the
converter compensation, the modulator gain is kept
independent of the input voltage variation by providing
feed-forward of VIN to the oscillator ramp.
The zero frequency, the amplifier high-frequency gain,
and the modulator gain are chosen to satisfy most
typical applications. The crossover frequency appears
at the point where the modulator attenuation equals the
amplifier high-frequency gain. The system designer
must specify the output filter capacitors to position the
load main pole somewhere within one decade lower
than the amplifier zero frequency. With this type of
compensation, plenty of phase margin is achieved due
to zero-pole pair phase “boost.”
Conditional stability may occur only when the main load
pole is positioned too much to the left side on the
frequency
axis
due
to
excessive
output
filter
capacitance. In this case, the ESR zero placed within
the 10kHz to 50kHz range gives some additional phase
boost. There is an opposite trend in mobile applications
to keep the output capacitor as small as possible.
Protections
The converter output is monitored and protected
against extreme overload, short circuit, over-voltage,
and under-voltage conditions.
A sustained overload on an output sets the PGOOD pin
LOW and latches off the chip. Operation is restored by
cycling the VCC voltage or by toggling the EN pin.
If VOUT drops below the under-voltage threshold, the
chip shuts down immediately.
Over-Current Sensing
If the circuit's current-limit signal (“ILIM det” in Figure 6)
is HIGH at the beginning of a clock cycle, a pulse-
skipping circuit is activated and HDRV is inhibited. The
circuit continues to pulse skip in this manner for the
next eight clock cycles. If at any time from the ninth to
the sixteenth clock cycle, the ILIM det is again reached,
the over-current protection latch is set, disabling the
chip. If ILIM det does not occur between cycles 9 and 16,
normal operation is restored and the over-current circuit
resets itself.
1
2
3
CH1 5.0V
CH3 2.0AW
CH2 100mV
M 10.0s
IL
PGOOD
8 CLK
VOUT
Figure 8. Over-Current Protection Waveforms
Over-Voltage / Under-Voltage Protection
Should the VSEN voltage exceed 120% of VREF (0.9V)
due to an upper MOSFET failure or for other reasons,
the over-voltage protection comparator forces LDRV
HIGH. This action actively pulls down the output voltage
and, in the event of the upper MOSFET failure,
eventually blows the battery fuse. As soon as the output
voltage drops below the threshold, the OVP comparator
is disengaged.
This OVP scheme provides a ‘soft’ crowbar function to
tackle severe load transients and does not invert the
output voltage when activated — a common problem for
latched OVP schemes.
Similarly, if an output short-circuit or severe load
transient causes the output to droop to less than 75% of
its regulation set point, the regulator shuts down.
Over-Temperature Protection
The chip incorporates an over-temperature protection
circuit that shuts the chip down when a die temperature
reaches 150°C. Normal operation is restored at die
temperature below 125°C with internal power on reset
asserted, resulting in a full soft-start cycle.


Numéro de pièce similaire - FAN5234

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
FAN5234MTC FAIRCHILD-FAN5234MTC Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
FAN5234MTCX FAIRCHILD-FAN5234MTCX Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
FAN5234QSC FAIRCHILD-FAN5234QSC Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
FAN5234QSCX FAIRCHILD-FAN5234QSCX Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
More results

Description similaire - FAN5234

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com