Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5026 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN5026
Description  Dual DDR / Dual-Output PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5026 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN5026 Datasheet HTML 1Page - Fairchild Semiconductor FAN5026 Datasheet HTML 2Page - Fairchild Semiconductor FAN5026 Datasheet HTML 3Page - Fairchild Semiconductor FAN5026 Datasheet HTML 4Page - Fairchild Semiconductor FAN5026 Datasheet HTML 5Page - Fairchild Semiconductor FAN5026 Datasheet HTML 6Page - Fairchild Semiconductor FAN5026 Datasheet HTML 7Page - Fairchild Semiconductor FAN5026 Datasheet HTML 8Page - Fairchild Semiconductor FAN5026 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5026 • Rev. 1.0.8
3
Pin Configuration
Figure 3. TSSOP-28
Pin Definitions
Pin #
Name
Description
1
AGND
Analog Ground. This is the signal ground reference for the IC. All voltage levels are measured
with respect to this pin
2
LDRV1
Low-Side Drive. The low-side (lower) MOSFET driver output. Connect to gate of low-side
MOSFET.
27
LDRV2
3
PGND1
Power Ground. The return for the low-side MOSFET driver. Connect to source of low-side
MOSFET.
26
PGND2
4
SW1
Switching Node. Return for the high-side MOSFET driver and a current sense input. Connect
to source of high-side MOSFET and low-side MOSFET drain.
25
SW2
5
HDRV1
High-Side Drive. High-side (upper) MOSFET driver output. Connect to gate of high-side
MOSFET.
24
HDRV2
6
BOOT1
BOOT. Positive supply for the upper MOSFET driver. Connect as shown in Figure 4.
23
BOOT2
7
ISNS1
Current-Sense Input. Monitors the voltage drop across the lower MOSFET or external sense
resistor for current feedback.
22
ISNS2
8
EN1
Enable. Enables operation when pulled to logic HIGH. Toggling EN resets the regulator after a
latched fault condition. These are CMOS inputs whose state is indeterminate if left open.
21
EN2
9
GND
Ground
20
10
VSEN1
Output Voltage Sense. The feedback from the outputs; used for regulation as well as PG,
under-voltage, and over-voltage protection and monitoring.
19
VSEN2
Continued on the following page…


Numéro de pièce similaire - FAN5026

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5026 FAIRCHILD-FAN5026 Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
FAN5026MTC FAIRCHILD-FAN5026MTC Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
FAN5026MTCX FAIRCHILD-FAN5026MTCX Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
More results

Description similaire - FAN5026

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5026 FAIRCHILD-FAN5026 Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com