Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2564UC25X Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN2564UC25X
Description  300mA Low VIN LDO for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2564UC25X Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN2564UC25X Datasheet HTML 3Page - Fairchild Semiconductor FAN2564UC25X Datasheet HTML 4Page - Fairchild Semiconductor FAN2564UC25X Datasheet HTML 5Page - Fairchild Semiconductor FAN2564UC25X Datasheet HTML 6Page - Fairchild Semiconductor FAN2564UC25X Datasheet HTML 7Page - Fairchild Semiconductor FAN2564UC25X Datasheet HTML 8Page - Fairchild Semiconductor FAN2564UC25X Datasheet HTML 9Page - Fairchild Semiconductor FAN2564UC25X Datasheet HTML 10Page - Fairchild Semiconductor FAN2564UC25X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2564 • Rev. 1.0.2
7
Typical Performance Characteristics
Unless otherwise noted, VIN=VOUT(Nominal)+0.5V or 1.8V (whichever is greater), VOUT=1.2V,CIN=1µF, COUT=4.7µF,
and TA=25C.
Figure 11.
Load Transient, VOUT=1.2V
Figure 12.
Load Transient, VOUT=2.8V
Figure 13.
Line Transient, ILOAD=1mA
Figure 14.
Line Transient, ILOAD=300mA
Figure 15.
Enable Characteristics
Figure 16.
Short Circuit Current


Numéro de pièce similaire - FAN2564UC25X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2564UC12X FAIRCHILD-FAN2564UC12X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC13X FAIRCHILD-FAN2564UC13X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC15X FAIRCHILD-FAN2564UC15X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC18X FAIRCHILD-FAN2564UC18X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results

Description similaire - FAN2564UC25X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com