Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2560 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN2560
Description  350mA Low-VIN LDO with Fast Transient Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2560 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN2560 Datasheet HTML 3Page - Fairchild Semiconductor FAN2560 Datasheet HTML 4Page - Fairchild Semiconductor FAN2560 Datasheet HTML 5Page - Fairchild Semiconductor FAN2560 Datasheet HTML 6Page - Fairchild Semiconductor FAN2560 Datasheet HTML 7Page - Fairchild Semiconductor FAN2560 Datasheet HTML 8Page - Fairchild Semiconductor FAN2560 Datasheet HTML 9Page - Fairchild Semiconductor FAN2560 Datasheet HTML 10Page - Fairchild Semiconductor FAN2560 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2560 • Rev. 1.0.1
10
Physical Dimensions
A1
E
0.625 MAX
SEATING PLANE
0.06 C
5 X Ø0.315 +/- .025
TOP VIEW
BOTTOM VIEW
(Ø0.35)
SOLDER MASK
OPENING
(Ø0.25)
Cu PAD
RECOMMENDED LAND PATTERN (NSMD)
BALL A1
INDEX AREA
0.03 C
0.05 C
D
2X
(Y)+/-.018
(X)+/-.018
B
A
D
0.250±0.025
C
1 2
A
B
C
0.03 C
2X
E
0.005
CA B
0.50
0.433
0.50
(0.50)
(0.433)
(0.866)
3
0.332±0.018
SIDE VIEWS
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
A. NO JEDEC REGISTRATION APPLIES
ASME Y14.5M, 1994
D
DATUM C, THE SEATING PLANE, IS DEFINED
BY THE SPHERICAL CROWNS OF THE BALLS.
E
PACKAGE TYPICAL HEIGHT IS 582 MICRONS
+/- 43 MICRONS (539-625 MICRONS)
FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
G. BALL COMPOSITION: Sn95.5Ag3.9Cu0.6
SAC405 ALLOY
H. DRAWING FILENAME: MKT-UC005AArev5
F
F
F
F
F
Figure 26. Wafer-Level Chip-Scale Packaging (WLCSP)
Product Specific Dimensions
Product
D
E
X
Y
FAN2560UC13X
1.330 +/- 0.030
0.960 +/- 0.030
0.230
0.232
FAN2560UC15X
1.330 +/- 0.030
0.960 +/- 0.030
0.230
0.232
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Numéro de pièce similaire - FAN2560

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC15X FAIRCHILD-FAN2560UC15X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
More results

Description similaire - FAN2560

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
   Micropower 700mA Low Noise Fast Transient Response LDO
logo
Linear Technology
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com