Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GSW3809X Fiches technique(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

No de pièce GSW3809X
Description  ?3 Flush Mount Type LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Site Internet  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

GSW3809X Fiches technique(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button GSW3809X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
φ3 Flush Mount Type LED
2010.3.10
Page 8
G□□3809X
Technical Data (GLW)
Ambient Temperature vs. Chromaticity (typ. value)
Condition : I
F = 5mA
x
Forward Current vs. Chromaticity (typ. value)
Condition : Ta = 25℃
x
Pulse Width vs. Maximum Tolerable Current Ratio
Condition : Ta = 25℃
Pulse Width : tw (μs)
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
Duty (%)


Numéro de pièce similaire - GSW3809X

FabricantNo de pièceFiches techniqueDescription
logo
STANLEY ELECTRIC CO.,LT...
GSW3801C STANLEY-GSW3801C Datasheet
471Kb / 18P
   ?3 Flush Mount Type LED
More results

Description similaire - GSW3809X

FabricantNo de pièceFiches techniqueDescription
logo
STANLEY ELECTRIC CO.,LT...
GSW3801C STANLEY-GSW3801C Datasheet
471Kb / 18P
   ?3 Flush Mount Type LED
GLW3809X STANLEY-GLW3809X Datasheet
240Kb / 13P
   3 Flush Mount Type White LED
UW3804X STANLEY-UW3804X Datasheet
188Kb / 13P
   3 Flush Mount Type White LED
GLW5809C STANLEY-GLW5809C Datasheet
243Kb / 13P
   3 X 5 Flush Mount Type White LED
UW5805S STANLEY-UW5805S Datasheet
184Kb / 13P
   Flush Mount Type White LED
UW3803X STANLEY-UW3803X Datasheet
181Kb / 13P
   Flush Mount Type White LED
UW5806X STANLEY-UW5806X Datasheet
187Kb / 13P
   5 Flush Mount Type White LED
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com