Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2513 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FAN2513
Description  150 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2513 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FAN2513 Datasheet HTML 1Page - Fairchild Semiconductor FAN2513 Datasheet HTML 2Page - Fairchild Semiconductor FAN2513 Datasheet HTML 3Page - Fairchild Semiconductor FAN2513 Datasheet HTML 4Page - Fairchild Semiconductor FAN2513 Datasheet HTML 5Page - Fairchild Semiconductor FAN2513 Datasheet HTML 6Page - Fairchild Semiconductor FAN2513 Datasheet HTML 7Page - Fairchild Semiconductor FAN2513 Datasheet HTML 8Page - Fairchild Semiconductor FAN2513 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.fairchildsemi.com
REV. 1.1.9 12/17/10
Features
• Ultra Low Power Consumption
• Enable optimized for CDMA time phases
• 150 mV dropout voltage at 150 mA
• 25 µA ground current at 150 mA
• Enable/Shutdown Control
•SOT23-5 package
• Thermal limiting
• 300 mA peak current
Applications
• Cellular Phones and accessories
•PDAs
• Portable cameras and video recorders
• Laptop, notebook and palmtop computers
Description
The FAN2512/13 family of micropower low-dropout voltage
regulators utilize CMOS technology to offer a new level of
cost-effective performance in GSM, TDMA, and CDMA
cellular handsets, Laptop and Notebook portable computers,
and other portable devices. Features include extremely low
power consumption and low shutdown current, low dropout
voltage, exceptional loop stability able to accommodate a
wide variety of external capacitors, and the compact SOT23-5
surface-mount package. In addition, the FAN2512/13 family
offer the fast power-cycle time required in CDMA handset
applications. These products offer significant improvements
over older BiCMOS designs and are pin-compatible with
many popular devices. The output is thermally protected
against overload.
The FAN2512 and FAN2513 devices are distinguished by
the assignment of pin 4:
FAN2512: pin 4 – ADJ, allowing the user to adjust the
output voltage over a wide range using an external voltage
divider.
FAN2512-XX: pin 4 – BYP, to which a bypass capacitor
may be connected for optimal noise performance. Output
voltage is fixed, indicated by the suffix XX.
FAN2513-XX: pin 4 – ERR, a flag which indicates that the
output voltage has dropped below the specified minimum
due to a fault condition.
The standard fixed output voltages available are 2.5V, 2.6V,
2.7V, 2.8V, 2.85V, 3.0V, and 3.3V. Custom output voltage are
also available: please contact your local Fairchild Sales
Office for information.
FAN2512, FAN2513
150 mA CMOS LDO Regulators with Fast Start Enable
Block Diagrams
FAN2512
EN
ADJ
GND
Thermal
Sense
p
VIN
VOUT
Bandgap
Error
Amplifier
FAN2512-XX
EN
BYP
GND
GND
Bandgap
Thermal
Sense
p
Error
Amplifier
VIN
VOUT
FAN2513-XX
EN
ERR
Bandgap
Thermal
Sense
p
Error
Amplifier
VIN
VOUT


Numéro de pièce similaire - FAN2513

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2513 FAIRCHILD-FAN2513 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2513 ONSEMI-FAN2513 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
logo
Fairchild Semiconductor
FAN2513S25X FAIRCHILD-FAN2513S25X Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2513S26X FAIRCHILD-FAN2513S26X Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2513S27X FAIRCHILD-FAN2513S27X Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
More results

Description similaire - FAN2513

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com