Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2500S33X Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN2500S33X
Description  100 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2500S33X Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN2500S33X Datasheet HTML 2Page - Fairchild Semiconductor FAN2500S33X Datasheet HTML 3Page - Fairchild Semiconductor FAN2500S33X Datasheet HTML 4Page - Fairchild Semiconductor FAN2500S33X Datasheet HTML 5Page - Fairchild Semiconductor FAN2500S33X Datasheet HTML 6Page - Fairchild Semiconductor FAN2500S33X Datasheet HTML 7Page - Fairchild Semiconductor FAN2500S33X Datasheet HTML 8Page - Fairchild Semiconductor FAN2500S33X Datasheet HTML 9Page - Fairchild Semiconductor FAN2500S33X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FAN2500/FAN2501
PRODUCT SPECIFICATION
REV. 1.0
14/ 0
7
Typical Performance Characteristics
0
20
40
60
80
100
Frequency (Hz)
Power Supply
Rejection Ratio
IOUT = 100µA
COUT = 1.0µF Cer.
VIN = 4.0V
VOUT = 3.0V
10 100 1k 10k 100k 1M 10M
0
10
20
30
40
50
60
70
3.0
3.6
4.1
Voltage (V)
Rejection Ratio vs. Voltage Drop
Power Supply
IOUT = 100µA
COUT = 1.0µF Cer.
10mA
100mA
0
10
20
30
40
50
60
70
3.0
3.6
4.1
Voltage (V)
Rejection Ratio vs. Voltage Drop
Power Supply
IOUT = 100µA
COUT = 10µF Cer.
10mA
100mA
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
IOUT = 10mA
COUT = 1.0µF Cer.
100 1k 10k 100k 1M 10M
VIN = 4.0V
VOUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
IOUT = 100mA
COUT = 1.0µF Cer.
100 1k 10k 100k 1M 10M
VIN = 4.0V
VOUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
IOUT = 100µA
COUT = 10µF Cer.
100 1k 10k 100k 1M 10M
VIN = 4.0V
VOUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
IOUT = 10mA
COUT = 10µF Cer.
100 1k 10k 100k 1M 10M
VIN = 4.0V
VOUT = 3.0V
0
20
40
60
80
100
Frequency (Hz)
Frequency (Hz)
Power Supply
Noise Performance
Rejection Ratio
IOUT = 100mA
COUT = 10µF Cer.
VIN = 4.0V
VOUT = 3.0V
10 100 1k 10k 100k 1M 10M
0.0001
0.001
0.01
0.1
1
10
10
100
1k
10k 100k 1M
COUT = 1.0µF
CBYP = 0.01µF
IL = 10µA
VIN = 4.0V
VOUT = 3.0V
Load Current (mA)
Ground Pin Current
15.00
17.00
19.00
21.00
23.00
25.00
0.1
1
10
100
VIN = 4V
VOUT = 3V
0.00
Input Voltage (V)
Ground Pin Current
5.00
10.00
15.00
20.00
25.00
30.00
35.00
3.0
4.0
5.0
6.0
7.0
VOUT = 3V
IOUT = 100µA
0.00
Input Voltage (V)
Ground Pin Current
5.00
10.00
15.00
20.00
25.00
30.00
35.00
3.0
4.0
5.0
6.0
7.0
VOUT = 3V
IOUT = 100mA


Numéro de pièce similaire - FAN2500S33X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2500S33X FAIRCHILD-FAN2500S33X Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2500S33X ONSEMI-FAN2500S33X Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
More results

Description similaire - FAN2500S33X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com