Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFP08H60S Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FFP08H60S
Description  PFCPWM Combination Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP08H60S Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FFP08H60S Datasheet HTML 1Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 2Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 3Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 4Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 5Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 6Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 7Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 8Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AN-8027
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 8/26/09
4
RT/
CT
OPFC
OPWM
OPWM (FAN4800C, FAN4802/2L)
PFC dead time
Figure 9. FAN480X Timing Diagram
PWM Stage
The PWM stage is capable of current-mode or voltage-
mode operation. In current-mode applications, the PWM
ramp (RAMP) is usually derived directly from a current
sensing resistor or current transformer in the primary of the
output stage and is thereby representative of the current
flowing in the converter’s output stage. ILIMIT, which
provides cycle-by-cycle current limiting, is typically
connected to RAMP in such applications.
For voltage-mode operation, RAMP can be connected to a
separate RC timing network to generate a voltage ramp
against which FBPWM voltage is compared. Under these
conditions, the use of voltage feed-forward from the PFC
bus can be used for better line transient response.
No voltage error amplifier is included in the PWM stage,
as this function is generally performed by a programmable
shunt regulator, such as KA431, in the secondary-side. To
facilitate the design of opto-coupler feedback circuitry, an
offset voltage is built into the inverting input of PWM
comparator that allows FBPWM to command a zero
percent duty cycle when its pin voltage is below 1.5V.
V
BOUT
RAMP
R
RAMP
C
RAMP
REF
+
-
PWM
FBPWM
1.5V
Figure 10. PWM Ramp Generation Circuit
PWM Current Limit
The ILIMIT pin is a direct input to the cycle-by-cycle
current limiter for the PWM section. If the input voltage at
this pin exceeds 1V, the output of the PWM is disabled
until the start of the next PWM clock cycle.
VIN OK Comparator
The VIN OK comparator monitors the output of the PFC
stage and inhibits the PWM stage if this voltage is less than
2.4V (96% of its nominal value). Once this voltage goes
above 2.4V, the PWM stage begins to soft-start.
PWM Soft-Start (SS)
PWM startup is controlled by the soft-start capacitor. A
10µA current source supplies the charging current for the
soft-start capacitor. Startup of the PWM is prohibited until
the soft-start capacitor voltage reaches 1.5V.


Numéro de pièce similaire - FFP08H60S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFP08H60S FAIRCHILD-FFP08H60S Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFP08H60S FAIRCHILD-FFP08H60S Datasheet
187Kb / 5P
   Hyperfast 2 Rectifier
FFP08H60S FAIRCHILD-FFP08H60S Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FFP08H60STU FAIRCHILD-FFP08H60STU Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFP08H60STU FAIRCHILD-FFP08H60STU Datasheet
187Kb / 5P
   Hyperfast 2 Rectifier
More results

Description similaire - FFP08H60S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com