Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB330 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce SB330
Description  Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB330 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button SB330 Datasheet HTML 2Page - Fairchild Semiconductor SB330 Datasheet HTML 3Page - Fairchild Semiconductor SB330 Datasheet HTML 4Page - Fairchild Semiconductor SB330 Datasheet HTML 5Page - Fairchild Semiconductor SB330 Datasheet HTML 6Page - Fairchild Semiconductor SB330 Datasheet HTML 7Page - Fairchild Semiconductor SB330 Datasheet HTML 8Page - Fairchild Semiconductor SB330 Datasheet HTML 9Page - Fairchild Semiconductor SB330 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AN-8024
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 9/18/09
8
Design Summary
Figure 11 shows the final schematic of the 20W power supply of the design example.
Figure 11. Final Schematic of Design Example


Numéro de pièce similaire - SB330

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
SB330 DIOTEC-SB330 Datasheet
93Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Pan Jit International I...
SB330 PANJIT-SB330 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
DONGGUAN YOU FENG WEI E...
SB330 YFWDIODE-SB330 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Semikron International
SB330 SEMIKRON-SB330 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
Zibo Seno Electronic En...
SB330 ZSELEC-SB330 Datasheet
114Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
More results

Description similaire - SB330

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com