Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6751MRMY Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FAN6751MRMY
Description  Highly Integrated Green-Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6751MRMY Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6751MRMY Datasheet HTML 2Page - Fairchild Semiconductor FAN6751MRMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6751MRMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6751MRMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6751MRMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6751MRMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6751MRMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6751MRMY Datasheet HTML 9Page - Fairchild Semiconductor FAN6751MRMY Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AN-6073
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 9/26/08
6
If the conversion efficiency remains unchanged for a wide
input voltage range, the maximum output power would be
the same for a fixed IPK, which is limited by the internal
current limiting threshold voltage VTH and RS. However, due
to the time delay from the comparator to output stage inside
the FAN6751, the maximum output power with high-line
input is always higher than with low line. A 30% error is
common for the universal input voltage range if the
converter is operated in DCM. In CCM operation, the
deviation becomes even larger. For the purpose of constant
output power limit, the peak current limit VTH must be
adjustable according to the VIN pin, which is proportional
to input voltage. VIN=1V and VSENSE=0.83V at low line;
VIN=3V and VSENSE=0.7 at high line.
Figure 14.
Universal Line Voltage Compensation for
Constant Output Power Limit
Protection Functions
FAN6751 has protection functions in two categories: some
enter Latch Mode and the others enter Recovery Mode. The
Latch Mode can only be restart if VDD falls below 5V, as
shown Figure 15. The Recovery Mode lets VDD decrease to
UVLO mechanism until the fault condition removed, as
shown Figure 16. Both modes prevent the SMPS from
destructive states. Table 2 shows the relationship between
protection functions and part numbers.
Table 2. Protection Functions
Protection Functions
FAN6751MR FAN6751HL
VDD Over-Voltage
Protection (OVP)
Recovery
Latch
Overload Protection (OLP)
Recovery
Latch
Pull-High Protection
Function by VIN > 4.7V
Recovery
Latch
Internal Over Temperature
Protection(OTP)
Recovery
Recovery
SENSE Pin Short-Circuit
Protection
Recovery
Recovery
Brownout Protection
Recovery
Recovery
VDD Over-Voltage Protection (OVP)
VDD OVP has protection prevents damage due to over-
voltage conditions. When the VDD voltage exceed 26V due
to abnormal conditions, PWM output is turned off until the
VDD voltage drops below UVLO then starts again (for MR)
or Latched (for HL). OVP condition is usually caused by
feedback open loops.
Overload Protection (OLP)
If the secondary output short circuits or the feedback loop is
open, the FB pin voltage rises rapidly toward the open-loop
voltage, VFB-OPEN. If the FB voltage remains above VFB-OLP
and lasts for tD-OLP, the FAN6751 stops emitting output
pulses and enters Recovery Mode (for FAN6751MR) or
latched-up mode (for FAN6751HL), as shown in Figure 17.
Power
On
Vds
VDD
16.5V
7.5V
5V
Normal
operation
Latch mode
Without any
switching
OVP
occurs
Removed
AC line
Power
On
Remove
Latch
mode
Normal
operation
10.5V
26V
Figure 15.VDD OVP Protection Waveforms
for FAN6751HL, Latch Off
Figure 16.
VDD OVP Protection Waveforms for
FAN6751MR, Recovery


Numéro de pièce similaire - FAN6751MRMY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6751MRMY FAIRCHILD-FAN6751MRMY Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
More results

Description similaire - FAN6751MRMY

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com