Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN102 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN102
Description  Design and Application of Primary-Side Regulation (PSR) PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN102 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN102 Datasheet HTML 3Page - Fairchild Semiconductor FAN102 Datasheet HTML 4Page - Fairchild Semiconductor FAN102 Datasheet HTML 5Page - Fairchild Semiconductor FAN102 Datasheet HTML 6Page - Fairchild Semiconductor FAN102 Datasheet HTML 7Page - Fairchild Semiconductor FAN102 Datasheet HTML 8Page - Fairchild Semiconductor FAN102 Datasheet HTML 9Page - Fairchild Semiconductor FAN102 Datasheet HTML 10Page - Fairchild Semiconductor FAN102 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN-6067
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 1/26/10
7
Frequency Hopping Operation
A frequency hopping function is built in to further improve
EMI system performance. The frequency hopping period is
no longer than 3ms and the PWM switching frequency range
is 42kHz +/- 2.6kHz.
+/- 2.6KHz
44.6KHz
Frequency Hopping Period
3mS
39.4KHz
Figure 15. Gate Signal with Frequency Hopping
CV / CC Regulation
Battery chargers are typically designed for two modes of
operation, constant-voltage charging and constant-current
charging. The basic charging characteristic is shown in
Figure 16. When the battery voltage is low, the charger
operates on a constant current charging. This is the main
method for charging batteries and most of the charging
energy is transferred into the batteries. When the battery
voltage reaches its end-of-charge voltage, the current begins
to taper-off. The charger then enters the constant voltage
method of charging. Finally, the charging current continues
to taper-off until reaching zero.
Vo(V)
Io(mA)
CV Regulation
Charging
Sequence
Figure 16. Basic Charging V-I Characteristic
As mentioned in the CV regulation region section, the V
COMV
modulates MOSFET’s on-time and PWM frequency to
provide enough power to the output load. As shown in
Figure 17, as the output load increases, V
COMV gradually
rises until the system shifts into the CC regulation region. At
the same time, V
COMV increases to 4.5V and the MOSEFT’s
on time is controlled by V
COMI. However, when power
system operates in the CC regulation region at a fixed
42kHz frequency, the MOSFET’s on-time is determined by
VCOMI to modulate the output current.
CV Regulation
CC Regulation
Charging Sequence
4.5V
Deep Green Mode
COMV
V
COMI
V
decreasing output impedance
Figure 17. CV/CC Regulation Charging Sequence
Temperature Compensation
The PSR controller has built-in temperature compensation
circuitry to provide constant reliable voltage regulation even
at a different ambient temperature. This internal positive
temperature coefficient (PTC) compensation current is used
to compensate for the temperature due to the forward-
voltage drop of the diode output. Without temperature
compensation, the output voltage is distinctly higher in high
temperatures than in lower temperature condition, as shown
in Figure 18.
o
V
o
I
high temp.
room temp.
after compensation at high temp.
Figure 18. Output V-I Curve with Temperature
Compensation
As shown in Figure 19, the accuracy value of R1 and R2
determines the voltage regulation amount. The suggested
deviation for R1 and R2 is a +/-1% tolerance.
Auxiliary
Winding
Vs
Temperature
Compensation
PTC
PSR
Controller
/
SH
Vref
Figure 19. Temperature Compensation


Numéro de pièce similaire - FAN102

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
FAN102MY FAIRCHILD-FAN102MY Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN102MY FAIRCHILD-FAN102MY Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
More results

Description similaire - FAN102

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
logo
List of Unclassifed Man...
DP2525 ETC-DP2525 Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com