Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPI300U4BM8 Fiches technique(PDF) 1 Page - Sparkle Power Inc.

No de pièce SPI300U4BM8
Description  300 Watts ATX12V 1U Medical Grade Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPI [Sparkle Power Inc.]
Site Internet  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI300U4BM8 Fiches technique(HTML) 1 Page - Sparkle Power Inc.

  SPI300U4BM8 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 5A (RMS) @115Vac, 3A (RMS) @230Vac
Inrush Current: No damage.
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C; storage &
shipping: -20°C ~ +80°C
Humidity: 85% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
2 second
Efficiency: Typical up to 80%
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 0.3mA at 264Vac, 63Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 190x100x40.5mm
/74.8x39.4x16inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
8A
16A
± 5%
50mV P-P
+5V
0.5A
9A
18A
± 5%
50mV P-P
+12V1
1.0A
8A
16A
± 5%
120mV P-P
+12V2
1.0A
8A
16A
± 5%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
120mV P-P
-5V
0.0A
0.10A
0.2A
± 10%
100mV P-P
+5Vsb
0.0A
1.25A
2.5A
± 5%
50mV P-P
* +3.3V and +5V total output not exceed 120W
* +12V1 and +12V2 and +5V and +3.3V total output shall not exceed 281W
* Maximum combined current for the 12V outputs shall be 20A
* Total output for this subject power supply is 300W
SPI300U4BM8
(80PLUS, RoHS Compliant)
300 Watts ATX12V 1U Medical Grade Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances)
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 18 Subpart C 120Vac operation, and
EN60601-1-2, EN55011,230Vac operation
Approved by UL/CUL 60601-1,VDE EN60601-1,CB, FCC,
CE,EMC


Numéro de pièce similaire - SPI300U4BM8

FabricantNo de pièceFiches techniqueDescription
logo
Sparkle Power Inc.
SPI300U4BB SPI-SPI300U4BB Datasheet
59Kb / 1P
   300 Watts, 1U Switching Power Supply
More results

Description similaire - SPI300U4BM8

FabricantNo de pièceFiches techniqueDescription
logo
Sparkle Power Inc.
FSP300-70MP SPI-FSP300-70MP Datasheet
119Kb / 1P
   300 Watts ATX12V, Medical Grade Power Supply
SPI300MP SPI-SPI300MP Datasheet
100Kb / 1P
   300 Watts ATX12V, Medical Grade Power Supply
SPI250U4BM8 SPI-SPI250U4BM8 Datasheet
58Kb / 1P
   250 Watts ATX12V 1U Medical Grade Power Supply
SPI350U4BM8 SPI-SPI350U4BM8 Datasheet
51Kb / 1P
   350 Watts ATX12V 1U Medical Grade Power Supply
FSP250-70MU SPI-FSP250-70MU Datasheet
104Kb / 1P
   250 Watts ATX12V 1U Medical Grade Power Supply
FSP300-601U SPI-FSP300-601U Datasheet
364Kb / 2P
   300 Watts,ATX12V, 1U Switching Power Supply
FSP700-90MPB SPI-FSP700-90MPB Datasheet
123Kb / 1P
   700 Watts ATX12V, Medical Grade Power Supply
SPI600A8BMB SPI-SPI600A8BMB Datasheet
53Kb / 1P
   600 Watts ATX12V, Medical Grade Power Supply
FSP600-92MPB SPI-FSP600-92MPB Datasheet
181Kb / 1P
   60 Watts ATX12V, Medical Grade Power Supply
FSP700-92MPB SPI-FSP700-92MPB Datasheet
124Kb / 1P
   700 Watts ATX12V, Medical Grade Power Supply
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com