Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA20800B Fiches technique(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

No de pièce BTA20800B
Description  20A TRIACs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Site Internet  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

BTA20800B Fiches technique(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  BTA20800B Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA20800B Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA20800B Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA20800B Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Numéro de pièce similaire - BTA20800B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208 PHILIPS-BTA208 Datasheet
44Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208 PHILIPS-BTA208 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208 PHILIPS-BTA208 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208-500B PHILIPS-BTA208-500B Datasheet
44Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
More results

Description similaire - BTA20800B

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
BTA20A UTC-BTA20A Datasheet
166Kb / 3P
   20A TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700C KERSEMI-BTA20-700C Datasheet
897Kb / 4P
   20A TRIACS
logo
STMicroelectronics
BTA20 STMICROELECTRONICS-BTA20 Datasheet
83Kb / 6P
   20A TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800B KERSEMI-BTA20-800B Datasheet
897Kb / 4P
   20A TRIACS
logo
Unisonic Technologies
BTB20A UTC-BTB20A Datasheet
165Kb / 3P
   20A TRIACS
BTB20 UTC-BTB20 Datasheet
136Kb / 3P
   20A TRIACS
logo
Nell Semiconductor Co.,...
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
   TRIACs 600V, 20A
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com