Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SB250-05R Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce SB250-05R
Description  50V, 25A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB250-05R Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  SB250-05R Datasheet HTML 1Page - Sanyo Semicon Device SB250-05R Datasheet HTML 2Page - Sanyo Semicon Device SB250-05R Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB250-05R
PS No.2501-3/3
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of March, 1998. Specifications and information herein are subject to
change without notice.


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SB250-05H 50V 25A Rectifier 1  2  3  Sanyo Semicon Device
KBJ25A 25A BRIDGE RECTIFIER 1  2  3  Won-Top Electronics
SBA250-09R 90V 25A Rectifier 1  2  3  Sanyo Semicon Device
RFP25N05 25A 50V 0.047 Ohm N-Channel Power MOSFET 1  2  3  4  5  More Intersil Corporation
SB05-05CP 50V 500mA Rectifier 1  2  Sanyo Semicon Device
SB120-05R 50V 12A Rectifier 1  2  3  Sanyo Semicon Device
SB300-05R 50V 30A Rectifier 1  2  3  Sanyo Semicon Device
NTE5520 Silicon Controlled Rectifier SCR 25A 1  2  NTE Electronics
RFP25N05L 25A 50V 0.047 Ohm Logic Level N-Channel Power MOSFET 1  2  3  4  5  More Intersil Corporation
SB05-05NP 50V 500mA Rectifier 1  2  Sanyo Semicon Device

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn