Moteur de recherche de fiches techniques de composants électroniques |
|
KA22241G-G09-T Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
KA22241G-G09-T Fiches technique(HTML) 3 Page - Unisonic Technologies |
3 / 6 page KA22241 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R110-001,C ABSOLUTE MAXIMUM RATING (Ta=25℃) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC 16 V SIP-9 550 Power Dissipation SOP-14 PD 450 mW Operating Temperature TOPR -20 ~ 75 °C Storage Temperature TSTG -20 ~ 125 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25°C, VCC=7V, f=1KHZ, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Input Noise Voltage VIN RG=2.2KΩ BW(-3dB)=20HZ~20KHZ 1.0 2.0 μV Output Voltage VOUT THD=1% 0.6 1.2 V Quiescent Circuit Current ICCQ VIN=0 1.5 3.5 4.5 mA Open Loop Voltage Gain GVO VOUT=0.3V 70 80 dB Closed Loop Voltage Gain GVC VOUT=0.3V 45 48 50 dB ALC Range ΔVALC RO=3.9KΩ, THD=10% 40 45 dB ALC Balance CBALC VIN=1mV 0 2.5 dB Total Harmonic Distortion THD VOUT=0.3V 0.1 0.3 % Input Resistance RIN 15 25 45 k Ω |
Numéro de pièce similaire - KA22241G-G09-T |
|
Description similaire - KA22241G-G09-T |