Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DL-3305S-XLS Datasheet(Fiches technique) 4 Page - Optoway Technology Inc

Numéro de pièce DL-3305S-XLS
Description  1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OPTOWAY [Optoway Technology Inc]
Site Internet  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-3305S-XLS Datasheet(HTML) 4 Page - Optoway Technology Inc

  DL-3305S-XLS Datenblatt HTML 1Page - Optoway Technology Inc DL-3305S-XLS Datenblatt HTML 2Page - Optoway Technology Inc DL-3305S-XLS Datenblatt HTML 3Page - Optoway Technology Inc DL-3305S-XLS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
DL-3300
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2003/1/1
2.0
1. Combine 1.25G and 2.5G characteristics in one data sheet
2. Add 3mW products
2007/12/1
3.0
Revise mechanical drawing and order information
2009/4/15


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn