Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DL-3120S Datasheet(Fiches technique) 1 Page - Optoway Technology Inc

Numéro de pièce DL-3120S
Description  1310 nm DFB LASER DIODES
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OPTOWAY [Optoway Technology Inc]
Site Internet  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-3120S Datasheet(HTML) 1 Page - Optoway Technology Inc

  DL-3120S Datasheet HTML 1Page - Optoway Technology Inc DL-3120S Datenblatt HTML 2Page - Optoway Technology Inc DL-3120S Datenblatt HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optoway
DL-3100
**************************************************************************************************************************************************************
**************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2007 V2.0
1310 nm DFB LASER DIODES
DL-3100 SERIES
MQW-DFB LASER DIODES
**************************************************************************************************************************************************************
FEATURES
Uncooled Laser Diode with Al-free MQW Structure
High Reliability, Long Operation Life
5 mW CW Operation at 0 C ~ +70 C
Single Frequency Operation with High SMSR
Up to 2.5 Gb/s Operation
Build-in InGaAs Monitor
Flat Window Cap Package (DL-310XX)
Aspherical Lens Cap Package (DL-312XX)
2 mm Ball Lens Cap Package (DL-314XX)
APPLICATION
Optical communication system
DESCRIPTION
DL-3100 series are MQW-DFB laser diodes that provide a durable, single frequency oscillation with
emission wavelength of 1310 nm. DL-3100 series are hermetically sealed devices with the build-in
photodiode for output monitoring.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(Tc=25C, Pop=5mW, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
10
15
mA
VOP
Operating Voltage
CW, Pop=5mW
1.2
1.5
V
?
Slope Efficiency
Part No:DL-310XX
DL-312XX
DL-314XX
CW, Pop=5mW
0.25
0.20
0.20
0.36
0.32
0.25
mW/mA
?c
Center Wavelength
CW, Pop=5mW
1290
1310
1330
nm
SMSR
Side Mode Suppression Ratio
CW, Pop=5mW
30
35
dB
?
?
Beam Divergence
(Parallel)
CW, Flat Window
25
deg.
??
Beam Divergence
(Perpendicular)
CW, Flat Window
35
deg.
t r, t f
Rise And Fall Times
Part No:DL-31XX
DL-31XXS
IF=Ith, 20~ 80%, Pop=5mW
226
150
Ps
Im
PD Monitor Current
CW,VRD=1V, Pop=5mW
50
1500
?A
ID
PD Dark Current
VRD=5V
0.1
?A
Ct
PD Capacitance
V
RD=5V, f=1MHz
10
15
pF
Pf
Fiber Coupled Power
Part No:DL-312XX
DL-314XX
CW, SM fiber, Pop=5mW
1.5
0.5
mW


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn