Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SA1012G-x-TM3-T Datasheet(Fiches technique) 1 Page - Unisonic Technologies

Numéro de pièce 2SA1012G-x-TM3-T
Description  HIGH CURRENT SWITCHING APPLICATION
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1012G-x-TM3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1012G-x-TM3-T Datasheet HTML 1Page - Unisonic Technologies 2SA1012G-x-TM3-T Datenblatt HTML 2Page - Unisonic Technologies 2SA1012G-x-TM3-T Datenblatt HTML 3Page - Unisonic Technologies 2SA1012G-x-TM3-T Datenblatt HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SA1012
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R203-015,H
HIGH CURRENT SWITCHING
APPLICATION
.
FEATURES
*Low Collector Saturation Voltage
VCE(SAT)=-0.4V(max.) At Ic=-3A
*High Speed Switching Time: tS=1.0μs(Typ.)
*Complementary To 2SC2562
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
2SA1012L-x-TA3-T
2SA1012G-x-TA3-T
TO-220
B
C
E
Tube
2SA1012L-x-TF3-T
2SA1012G-x-TF3-T
TO-220F
B
C
E
Tube
2SA1012L-x-TM3-T
2SA1012G-x-TM3-T
TO-251
B
C
E
Tube
2SA1012L-x-TN3-R
2SA1012G-x-TN3-R
TO-252
B
C
E
Tape Reel
2SA1012L-x-TN3-T
2SA1012G-x-TN3-T
TO-252
B
C
E
Tube


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn