Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SB01-15NP Datasheet(Fiches technique) 1 Page - Sanyo Semicon Device

Numéro de pièce SB01-15NP
Description  150V, 100mA Rectifier
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB01-15NP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB01-15NP Datasheet HTML 1Page - Sanyo Semicon Device SB01-15NP Datenblatt HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33098HA (KT)/41096GI (KOTO)/O255KI, TS No.1931-1/2
SB01-15NP
Ordering number :EN1931B
150V, 100mA Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Shottky Barrier Diode
Specifications
Absolute Maximum Ratings at Ta = 25?C
Package Dimensions
unit:mm
1157A
[SB01-15NP]
Electrical Characteristics at Ta = 25?C
?C
?C
1:Anode
2:Cathode
3:No Contact
Applications
High frequency rectification (switching regulators,
converters, choppers).
Features
Low forward voltage (VF max=0.75V).
Fast reverse recorvery time (trr max=10ns).
Low switching noise.
Low leakage current and high reliability due to
highly reliable planar structure.
JEDEC:TO-92
EIAJ:SC-43
SANYO:NP
?C/W
50Hz, resistive load, Ta=93?C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
5
1V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
5
1V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
0
1A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
5A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
?
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
?
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
0
0
2
=0
5
1V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
0
1
=
5
7
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
7
=
0
5A
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
CVR
z
H
M
1
=
f
,
V
0
1
=8
F
p
e
m
i
T
y
r
e
v
r
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
,
A
m
0
0
1
=
0
1s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
a
-
j
h
t
R
5
6
1
trr Test Circuit


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SB01-15CP150V 100mA Rectifier 1 2 3 Sanyo Semicon Device
SB002-15CP150V 20mA Rectifier 1 2 Sanyo Semicon Device
SB002-15SPA150V 20mA Rectifier 1 2 Sanyo Semicon Device
SB02-15150V 200mA Rectifier 1 2 Sanyo Semicon Device
FC80650V 100mA Rectifier 1 2 Sanyo Semicon Device
SB01-05CP50V 100mA Rectifier 1 2 Sanyo Semicon Device
SB01-05Q50V 100mA Rectifier 1 2 Sanyo Semicon Device
SB01-05SPA50V 100mA Rectifier 1 2 Sanyo Semicon Device
SB01W05C50V 100mA Rectifier 1 2 Sanyo Semicon Device
SB01W05S50V 100mA Rectifier 1 2 Sanyo Semicon Device

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn