Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SB007T03C Datasheet(Fiches technique) 1 Page - Sanyo Semicon Device

Numéro de pièce SB007T03C
Description  30V, 70mA Rectifier
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB007T03C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB007T03C Datasheet HTML 1Page - Sanyo Semicon Device SB007T03C Datenblatt HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22898HA (KT)/D1096GI/N120MH (KOTO) 8-6773 No.3617-1/2
SB007T03C
Ordering number :EN3617A
30V, 70mA Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Schottky Barrier Diode (Series Connection)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
3V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
t
i
t
e
p
e
r
-
n
o
NV
M
S
R
5
3V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
7A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
e
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
2
=0
3V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
7
=
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
1
=
5A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
1
=0
.
3F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
,
A
m
0
1
=t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
Ta
-
j
h
t
R
0
2
6
Specifications
Absolute Maximum Ratings at Ta = 25˚C (Value per element)
Package Dimensions
unit:mm
1147A
[SB007T03C]
1:Anode
2:Cathode
3:Anode Cathode
SANYO:CP
· Marking:N
Electrical Characteristics at Ta = 25˚C (Value per element)
trr Test Circuit
Electrical Connection
˚C
˚C
˚C/W
1:Anode
2:Cathode
3:Anode, Cathode
Applications
· Universal-use rectifier.
· High frequency retification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.55V).
· Fast reverse recovery time (trr max=10ns).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.
· Series connection of 2 elements in a small-sized
package facilitates high-density mounting and
permits SB007T03C-applied equipment to be made
smaller.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SB007W03S30V 70mA Rectifier 1 2 Sanyo Semicon Device
FC80330V 70mA Rectifier 1 2 Sanyo Semicon Device
FC80930V 70mA Rectifier 1 2 Sanyo Semicon Device
SB007-03CP30V 70mA Rectifier 1 2 Sanyo Semicon Device
SB007-03Q30V 70mA Rectifier 1 2 Sanyo Semicon Device
SB007-03SPA30V 70mA Rectifier 1 2 Sanyo Semicon Device
SB007T03Q30V 70mA Rectifier 1 2 Sanyo Semicon Device
SB007W03C30V 70mA Rectifier 1 2 Sanyo Semicon Device
SB007W03Q30V 70mA Rectifier 1 2 Sanyo Semicon Device
SB20-03P30V 2A Rectifier 1 2 Sanyo Semicon Device

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn