Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB007-03CP Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce SB007-03CP
Description  30V, 70mA Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB007-03CP Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  SB007-03CP Datasheet HTML 1Page - Sanyo Semicon Device SB007-03CP Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33098HA (KT)/1169TA/O255KI, TS No.1914-1/2
SB007-03CP
Ordering number :EN1914A
30V, 70mA Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Shottky Barrier Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
2
=0
3
–V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
7
=
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
1
=
5
–A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
CVR
z
H
M
1
=
f
,
V
0
1
=0
.
3F
p
e
m
i
T
y
r
e
v
r
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
,
A
m
0
1
=
0
1s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
a
-
j
h
t
R
0
2
6
)
2
(
a
-
j
h
t
R
0
3
4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
3
–V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
3
–V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
7A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1148
[SB007-03CP]
Electrical Characteristics at Ta = 25˚C
· Marking:G
˚C
˚C
trr Test Circuit
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage(VF max=0.55V).
· Fast reverse recorvery time (trr max=10ns).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.
˚C/W
˚C/W
Mounted on Cu-foild area of 16mm2
×0.2mm on glass
epoxy board
C:Cathode
A:Anode
SANYO:CP


Numéro de pièce similaire - SB007-03CP

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SB007-03C SANYO-SB007-03C Datasheet
55Kb / 3P
   30V, 70mA Rectifier
logo
ON Semiconductor
SB007-03C ONSEMI-SB007-03C Datasheet
279Kb / 5P
   Schottky Barrier Diode
September, 2013
SB007-03C-TB-E ONSEMI-SB007-03C-TB-E Datasheet
279Kb / 5P
   Schottky Barrier Diode
September, 2013
More results

Description similaire - SB007-03CP

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SB007-03SPA SANYO-SB007-03SPA Datasheet
50Kb / 2P
   30V, 70mA Rectifier
SB007W03S SANYO-SB007W03S Datasheet
56Kb / 2P
   30V, 70mA Rectifier
SB007-03C SANYO-SB007-03C Datasheet
55Kb / 3P
   30V, 70mA Rectifier
SB007T03Q SANYO-SB007T03Q Datasheet
60Kb / 2P
   30V, 70mA Rectifier
FC809 SANYO-FC809 Datasheet
50Kb / 2P
   30V, 70mA Rectifier
SB007W03C SANYO-SB007W03C Datasheet
57Kb / 2P
   30V, 70mA Rectifier
SB007W03Q SANYO-SB007W03Q Datasheet
57Kb / 2P
   30V, 70mA Rectifier
FC803 SANYO-FC803 Datasheet
46Kb / 2P
   30V, 70mA Rectifier
SB007-03Q SANYO-SB007-03Q Datasheet
56Kb / 2P
   30V, 70mA Rectifier
SB007T03C SANYO-SB007T03C Datasheet
49Kb / 2P
   30V, 70mA Rectifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com