Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SB005W03 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce SB005W03
Description  50V, 6A Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB005W03 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  SB005W03 Datasheet HTML 1Page - Sanyo Semicon Device SB005W03 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33098HA (KT)/82595GI (KOTO) No.5229-1/2
SB005W03
Ordering number :EN5229
50V, 6A Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Shottky Barrier Diode (Twin Type · Cathode Common)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
3V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
3V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
5A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1270
[SB005W03]
Electrical Characteristics at Ta = 25˚C
· Marking:LA
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage(VF max=0.55V).
· Fast reverse recorvery time.
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.
˚C
˚C
Electrical Connection
1:Anode
2:Anode
3:Cathode
SANYO:SMCP
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
2
=0
3V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
5
=
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
1
=
5A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
CVR
z
H
M
1
=
f
,
V
0
1
=6
.
2F
p
e
m
i
T
y
r
e
v
r
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
,
A
m
0
1
=
0
1s
n
trr Test Circuit


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SB01W05C 50V 100mA Rectifier 1  2  Sanyo Semicon Device
SB10W05V 50V 1A Rectifier 1  2  Sanyo Semicon Device
SB250-05H 50V 25A Rectifier 1  2  3  Sanyo Semicon Device
SB01W05S 50V 100mA Rectifier 1  2  Sanyo Semicon Device
SB10W05Z 50V 1A Rectifier 1  2  Sanyo Semicon Device
SB250-05R 50V 25A Rectifier 1  2  3  Sanyo Semicon Device
SB05-05CP 50V 500mA Rectifier 1  2  Sanyo Semicon Device
SB120-05R 50V 12A Rectifier 1  2  3  Sanyo Semicon Device
SB25W05T 50V 2.5A Rectifier 1  2  3  Sanyo Semicon Device
SB05-05NP 50V 500mA Rectifier 1  2  Sanyo Semicon Device

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn