Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SB005-09SPA Datasheet(Fiches technique) 1 Page - Sanyo Semicon Device

Numéro de pièce SB005-09SPA
Description  90V, 50mA Rectifier
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB005-09SPA Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB005-09SPA Datasheet HTML 1Page - Sanyo Semicon Device SB005-09SPA Datenblatt HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33098HA (KT)/1169TA/O255KI, TS No.1923-1/2
SB005-09SPA
Ordering number :EN1923A
90V, 50mA Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Shottky Barrier Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
5
=0
9
–V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
5
=
7
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
4
=
5
1
–A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
1
=2
.
3F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
t
0
1s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
a
-
j
h
t
R
0
0
3
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
9
–V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
t
i
t
e
p
e
r
-
n
o
NV
M
S
R
5
9
–V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
5A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
e
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1156
[SB005-09SPA]
C:Cathode
A:Anode
SANYO:SPA
Electrical Characteristics at Ta = 25˚C
Applications
· High frequency rectification (switching regulators,
converters and choppers).
Features
· Low forward voltage (VF max=0.7V).
· Fast reverse recovery time (trr=10ns max).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planner structure.
trr Test Circuit
˚C
˚C
˚C/W
50Hz, resistive load, Ta=102˚C
IF=IR=100mA, Tj=25˚C, See specified Test Circuit.
Unit (resistance:
Ω)


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SB005-09CP90V 50mA Rectifier 1 2 Sanyo Semicon Device
SB05-0990V 500mA Rectifier 1 2 Sanyo Semicon Device
SB50-0990V 5A Rectifier 1 2 3 Sanyo Semicon Device
SB10-09P90V 1A Rectifier 1 2 Sanyo Semicon Device
SB50-09J90V 5A Rectifier 1 2 3 Sanyo Semicon Device
SB10-09T90V 1A Rectifier 1 2 3 Sanyo Semicon Device
SB80-0990V 8A Rectifier 1 2 3 Sanyo Semicon Device
SB100-0990V 10A Rectifier 1 2 3 Sanyo Semicon Device
SB80-09J90V 8A Rectifier 1 2 3 Sanyo Semicon Device
SB100-09J90V 10A Rectifier 1 2 3 Sanyo Semicon Device

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn