Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISLA214P50IR72EV1Z Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISLA214P50IR72EV1Z
Description  14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P50IR72EV1Z Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISLA214P50IR72EV1Z Datasheet HTML 2Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 3Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 4Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 5Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 6Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 9Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ISLA214P50
6
FN7571.1
March 15, 2011
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISLA214P50IRZ
ISLA214P50 IRZ
-40 to +85
72 Ld QFN
L72.10x10E
ISLA214P50IR72EV1Z
Evaluation Board
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate--e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISLA214P50. For more information on MSL please see techbrief TB363.


Numéro de pièce similaire - ISLA214P50IR72EV1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISLA214P50IR72EV1Z RENESAS-ISLA214P50IR72EV1Z Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
ISLA214P50IR72EV1Z RENESAS-ISLA214P50IR72EV1Z Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
More results

Description similaire - ISLA214P50IR72EV1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISLA212P50_1105 INTERSIL-ISLA212P50_1105 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Linear Technology
LTC2246H LINER-LTC2246H Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2246H LINER-LTC2246H_15 Datasheet
206Kb / 18P
   14-Bit, 25Msps 125C ADC In LQFP
logo
Analog Devices
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com