Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK12C68-C35 Fiches technique(PDF) 11 Page - Cypress Semiconductor

No de pièce STK12C68-C35
Description  64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-C35 Fiches technique(HTML) 11 Page - Cypress Semiconductor

Back Button STK12C68-C35 Datasheet HTML 7Page - Cypress Semiconductor STK12C68-C35 Datasheet HTML 8Page - Cypress Semiconductor STK12C68-C35 Datasheet HTML 9Page - Cypress Semiconductor STK12C68-C35 Datasheet HTML 10Page - Cypress Semiconductor STK12C68-C35 Datasheet HTML 11Page - Cypress Semiconductor STK12C68-C35 Datasheet HTML 12Page - Cypress Semiconductor STK12C68-C35 Datasheet HTML 13Page - Cypress Semiconductor STK12C68-C35 Datasheet HTML 14Page - Cypress Semiconductor STK12C68-C35 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
STK12C68
Document Number: 001-51027 Rev. *C
Page 11 of 24
Switching Waveforms
Notes
7. WE and HSB must be High during SRAM Read cycles.
8. Device is continuously selected with CE and OE both Low.
9. Measured ±200 mV from steady state output voltage.
[+] Feedback


Numéro de pièce similaire - STK12C68-C35

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK12C68-C35 ETC-STK12C68-C35 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C35 ETC-STK12C68-C35 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Cypress Semiconductor
STK12C68-C35 CYPRESS-STK12C68-C35 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK12C68-C35I ETC-STK12C68-C35I Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C35I ETC-STK12C68-C35I Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results

Description similaire - STK12C68-C35

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14B104K_1106 CYPRESS-CY14B104K_1106 Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com