Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC895994 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LC895994
Description  CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895994 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

  LC895994 Datasheet HTML 1Page - Sanyo Semicon Device LC895994 Datasheet HTML 2Page - Sanyo Semicon Device LC895994 Datasheet HTML 3Page - Sanyo Semicon Device LC895994 Datasheet HTML 4Page - Sanyo Semicon Device LC895994 Datasheet HTML 5Page - Sanyo Semicon Device LC895994 Datasheet HTML 6Page - Sanyo Semicon Device LC895994 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PS No. 5824-7/7
LC895994
This catalog provides information as of April, 1998. Specifications and information herein are subject to change
without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
Continued from preceding page.
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power Supply pin, N: No connection pin
Pin No.
Pin Name
Type
Description
133
SUA0
I
134
SUA1
I
135
SUA2
I
136
SUA3
I
Command register selection address input pins
137
SUA4
I
138
SUA5
I
139
SUA6
I
140
VDD
P
141
VSS
P
142
D0
B
143
D1
B
144
D2
B
145
D3
B
146
D4
B
Microcontroller data signal pins, with pull-up resistors
147
D5
B
148
D6
B
149
D7
B
150
RESET
I
Reset pin
151
CS
I
Chip select signal from microcontroller
152
RD
I
Data read signal from microcontroller
153
WR
I
Data write signal from microcontroller
154
SWAIT
O
Wait signal to microcontroller
155
INT0
O
Interrupt request signals to microcontroller. Open drain outputs with built-in pull-up resistors.
156
INT1
O
157
Reserve3
O
158
Reserve4
O
Reserved for future expansion (Must be left open if unused.)
159
Reserve5
O
160
VDD
P


Numéro de pièce similaire - LC895994

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC89590 SANYO-LC89590 Datasheet
159Kb / 7P
   CD-R LSI
LC895925 SANYO-LC895925 Datasheet
90Kb / 7P
   Signal Processing LSI for CD-R Drives
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
More results

Description similaire - LC895994

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
logo
NXP Semiconductors
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
logo
Sanyo Semicon Device
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
logo
NXP Semiconductors
SAA7381 PHILIPS-SAA7381 Datasheet
380Kb / 108P
   ATAPI CD-R block decoder
1997 Aug 12
logo
Sanyo Semicon Device
LC898023KW SANYO-LC898023KW Datasheet
80Kb / 13P
   40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com