Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC895299W Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC895299W
Description  48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895299W Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC895299W Datasheet HTML 2Page - Sanyo Semicon Device LC895299W Datasheet HTML 3Page - Sanyo Semicon Device LC895299W Datasheet HTML 4Page - Sanyo Semicon Device LC895299W Datasheet HTML 5Page - Sanyo Semicon Device LC895299W Datasheet HTML 6Page - Sanyo Semicon Device LC895299W Datasheet HTML 7Page - Sanyo Semicon Device LC895299W Datasheet HTML 8Page - Sanyo Semicon Device LC895299W Datasheet HTML 9Page - Sanyo Semicon Device LC895299W Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
No. 6249-6/12
LC895299W, 895299L
Continued from preceding page.
Pin No.
Pin
I/O
Function
53
DA2
I
54
DA0
I
55
ZPDIAG
B
ATAPI I/F
56
DA1
I
57
ZIOCS16
O
58
VSS1
P
I/F ground
59
HINTRQ
O
60
ZDMACK
I
61
IORDY
O
ATAPI I/F
62
ZDIOR
I
63
ZDIOW
I
64
DMARQ
O
65
VDD0
P
I/O system power supply: 5 V
66
VDD1
P
3.3 V
67
VSS1
P
I/F ground
68
DD15
B
69
DD0
B
70
DD14
B
ATAPI I/F
71
DD1
B
72
DD13
B
73
VSS1
P
I/F ground
74
DD2
B
75
DD12
B
76
DD3
B
ATAPI I/F
77
DD11
B
78
DD4
B
79
VSS1
P
I/F ground
80
DD10
B
81
DD5
B
82
DD9
B
ATAPI I/F
83
DD6
B
84
DD8
B
85
DD7
B
86
VDD0
P
I/O system power supply: 5 V
87
ROUT
O
D/A converter output
88
AUVDD
P
D/A converter VDD: 5 V
89
AUVSS
P
DAC ground
90
LOUT
O
D/A converter output
91
VSS
P
Logic system ground
92
XTAL
O
XTALCK output
93
XTALCK
I
XTALCK input (33.8688 MHz)
94
VDD0
P
I/O system power supply: 5 V
95
ATPINSEL
I
ATAPI pin assignment selection
96
TEST1
I
Test pin (Must be tied to ground during normal operation.)
97
FSX/LRCK
O
Monitor outputs
98
EFLG/CK2
O
99
TRV2/DATA
B
General-purpose I/O ports
100
TRV
B
101
C2F
O
C2F output
102
PCK
O
PCK output
103
EFMOUT
O
EFM output
104
OUTPORT0
O
105
OUTPORT1
O
General-purpose output ports
106
OUTPORT2
O
107
NC
Continued on next page.


Numéro de pièce similaire - LC895299W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
More results

Description similaire - LC895299W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
   CD-ROM Digital Servo RF IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com