Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC89086M Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LC89086M
Description  8 Bit A/D Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89086M Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LC89086M Datasheet HTML 1Page - Sanyo Semicon Device LC89086M Datasheet HTML 2Page - Sanyo Semicon Device LC89086M Datasheet HTML 3Page - Sanyo Semicon Device LC89086M Datasheet HTML 4Page - Sanyo Semicon Device LC89086M Datasheet HTML 5Page - Sanyo Semicon Device LC89086M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
No. 5428-5/6
LC89086M
Pin Functions
Pin No.
Pin name
I/O
Function
Digital output enable input
1
OEB
I
High: high-impedance
Low: Normal operation
2
DVSS
Digital ground
3
AVSS
Analog ground
4
Vref HO
O
Internal reference voltage (high) generation. Shorting this pin to VrefH (pin 5) generates a voltage of 2.0 V.
This pin must be left open when the internally generated potential is not used.
5
Vref H
I
Reference voltage input (high)
6
AIN
I
Analog input
7
Vref M
O
Reference voltage intermediate level tap.
8
Vref L
I
Reference voltage input (low)
9
Vref LO
O
Internal reference voltage (low) generation. Shorting this pin to VrefL (pin 8) generates a voltage of 0 V.
This pin must be left open when the internally generated potential is not used.
10
AVDD
Analog power supply
11
AVSS
Analog ground
12
DVSS
Digital ground
13
DVDD
Digital power supply
14
D8
O
Digital output (LSB)
15
D7
O
Digital output
16
D6
O
Digital output
17
D5
O
Digital output
18
D4
O
Digital output
19
D3
O
Digital output
20
D2
O
Digital output
21
D1
O
Digital output (MSB)
22
OF
O
Digital output (Overflow)
23
CLK
I
Clock input
24
DVDD
Digital power supply
Note: There must be no potential difference between the digital system and analog system VDD and VSS power supply potentials.
I/O Code Table
The table below lists the relationship between the input and output when VrefH and VrefL are set up so that the zero
transient voltage is 0.000 V and the full-scale transient voltage is 2.008V.
Analog input
Digital output
VAIN (V)
OF
D1
D2
D3
D4
D5
D6
D7
D8
Up to 0.000
0
0
0
0
0
0
0
0
0
Up to 0.008
0
0
0
0
0
0
0
0
0
Up to 0.016
0
0
0
0
0
0
0
0
1
Up to 0.024
0
0
0
0
0
0
0
1
0
Up to 0.032
0
0
0
0
0
0
0
1
1
to
Up to 0.992
0
0
1
1
1
1
1
1
0
Up to 1.000
0
0
1
1
1
1
1
1
1
Up to 1.008
0
1
0
0
0
0
0
0
0
Up to 1.016
0
1
0
0
0
0
0
0
1
to
Up to 1.992
0
1
1
1
1
1
1
0
1
Up to 2.000
0
1
1
1
1
1
1
1
0
Up to 2.008
0
1
1
1
1
1
1
1
1
Over 2.008
1
1
1
1
1
1
1
1
1


Numéro de pièce similaire - LC89086M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC89080 SANYO-LC89080 Datasheet
107Kb / 8P
   Video Signal 3-Channel 8-Bit D/A Converter
LC89080Q SANYO-LC89080Q Datasheet
107Kb / 8P
   Video Signal 3-Channel 8-Bit D/A Converter
More results

Description similaire - LC89086M

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
[Old version datasheet]   8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
   8-Bit A/D Converter
REV. A
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
   8-bit A/D Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
   8-Bit A/D Converter
REV. A
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
   8-Bit D/A Converter
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
   8-bit A/D and D/A converter
Rev. 02-27 January 2010
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com