Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si8241BB-B-IS1 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce Si8241BB-B-IS1
Description  CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8241BB-B-IS1 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button Si8241BB-B-IS1 Datasheet HTML 2Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 3Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 4Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Si824x
6
Rev. 0.2
VDDI Undervoltage Threshold
VDDIUV+
VDDI rising
3.60
4.0
4.45
V
VDDI Undervoltage Threshold
VDDIUV–
VDDI falling
3.30
3.70
4.15
V
VDDI Lockout Hysteresis
VDDIHYS
—250
mV
VDDA, VDDB Undervoltage
Threshold
VDDAUV+,
VDDBUV+
VDDA, VDDB rising
8V Threshold
See Figure 34 on page 21.
7.50
8.60
9.40
V
10 V Threshold
See Figure 35 on page 21.
9.60
11.1
12.2
V
VDDA, VDDB Undervoltage
Threshold
VDDAUV–,
VDDBUV–
VDDA, VDDB falling
8V Threshold
See Figure 34 on page 21.
7.20
8.10
8.70
V
10 V Threshold
See Figure 35 on page 21.
9.40
10.1
10.9
V
VDDA, VDDB
Lockout Hysteresis
VDDAHYS,
VDDBHYS
UVLO voltage = 8 V
600
mV
VDDA, VDDB
Lockout Hysteresis
VDDAHYS,
VDDBHYS
UVLO voltage = 10 V
1000
mV
AC Specifications
Minimum Pulse Width
10
ns
Propagation Delay
tPHL, tPLH
CL = 1 nF
25
60
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
1.0
5.60
ns
Programmed Dead Time2
DT
See Figures 36 and 37
0.4
1000
ns
Output Rise and Fall Time
tR,tF
CL = 1 nF (Si8241)
20
ns
CL = 1 nF (Si8244)
12
ns
Shutdown Time from
Disable True
tSD
——
60
ns
Restart Time from
Disable False
tRESTART
——
60
ns
Device Start-up Time
tSTART
Time from VDD_ = VDD_UV+
to VOA, VOB = VIA, VIB
—5
7
µs
Common Mode
Transient Immunity
CMTI
VIA, VIB, PWM = VDDI or 0 V
25
45
kV/µs
Table 1. Electrical Characteristics1 (Continued)
4.5 V < VDDI < 5.5 V, VDDA = VDDB = 12 V or 15 V. TA = –40 to +125 °C. Typical specs at 25 °C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Notes:
1. VDDA = VDDB = 12 V for 8 V UVLO and 10 V UVLO devices.
2. The largest RDT resistor that can be used is 220 k
.


Numéro de pièce similaire - Si8241BB-B-IS1

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI8241 SILABS-SI8241 Datasheet
1Mb / 12P
   PERFORMANCE IMPROVEMENTS IN CLASS D AUDIO AMPLIFIERS
logo
Skyworks Solutions Inc.
SI8241 SKYWORKS-SI8241 Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
More results

Description similaire - Si8241BB-B-IS1

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
   DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
NXP Semiconductors
TDA8939TH PHILIPS-TDA8939TH Datasheet
99Kb / 21P
   Zero dead time Class-D 7.5 A power comparator
Rev. 01-22 April 2004
logo
Renesas Technology Corp
ISL6745A RENESAS-ISL6745A Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com