Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1102R Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BF1102R
Description  Dual N-channel dual gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1102R Fiches technique(HTML) 5 Page - NXP Semiconductors

  BF1102R Datasheet HTML 1Page - NXP Semiconductors BF1102R Datasheet HTML 2Page - NXP Semiconductors BF1102R Datasheet HTML 3Page - NXP Semiconductors BF1102R Datasheet HTML 4Page - NXP Semiconductors BF1102R Datasheet HTML 5Page - NXP Semiconductors BF1102R Datasheet HTML 6Page - NXP Semiconductors BF1102R Datasheet HTML 7Page - NXP Semiconductors BF1102R Datasheet HTML 8Page - NXP Semiconductors BF1102R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2000 Apr 11
5
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FETs
BF1102; BF1102R
ALL GRAPHS FOR ONE MOS-FET
handbook, halfpage
0
30
20
10
0
0.8
0.4
2.4
2.0
1.6
1.2
MGS360
VG1-S (V)
2.5 V
2 V
1.5 V
1 V
3.5 V
3 V
VG2-S = 4 V
ID
(mA)
Fig.3 Transfer characteristics; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
010
30
10
0
20
MGS361
24
6
8
VDS (V)
ID
(mA)
1.4 V
1.3 V
1.2 V
1.1 V
1 V
VG1-S = 1.5 V
Fig.4 Output characteristics; typical values.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
0
160
80
120
40
0
0.5
2.5
MGS362
1
1.5
2
IG1
(
µA)
VG1-S (V)
2.5 V
2 V
3.5 V
3 V
VG2-S = 4 V
Fig.5
Gate 1 current as a function of gate 1
voltage; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
010
30
50
0
40
MGS363
20
30
20
10
ID (mA)
|yfs|
(mS)
3.5 V
3 V
VG2-S = 4 V
2.5 V
2 V
Fig.6
Forward transfer admittance as a function
of drain current; typical values.
VDS =5V.
Tj =25 °C.


Numéro de pièce similaire - BF1102R

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1102R NXP-BF1102R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Description similaire - BF1102R

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1203 JMNIC-BF1203_15 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FETs
BF1102_2015 JMNIC-BF1102_2015 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1102 JMNIC-BF1102_15 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com