Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF904R Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BF904R
Description  N-channel dual gate MOS-FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF904R Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BF904R Datasheet HTML 3Page - NXP Semiconductors BF904R Datasheet HTML 4Page - NXP Semiconductors BF904R Datasheet HTML 5Page - NXP Semiconductors BF904R Datasheet HTML 6Page - NXP Semiconductors BF904R Datasheet HTML 7Page - NXP Semiconductors BF904R Datasheet HTML 8Page - NXP Semiconductors BF904R Datasheet HTML 9Page - NXP Semiconductors BF904R Datasheet HTML 10Page - NXP Semiconductors BF904R Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904; BF904R
Fig.12 Drain current as a function of gate 1
supply voltage (= VGG); typical values;
see Fig.20.
VDS = 5 V; VG2-S =4V.
RG1 = 120 kΩ (connected to VGG); Tj =25 °C.
handbook, halfpage
0
12
8
4
0
15
MLD275
23
4
I D
(mA)
V
(V)
GG
Fig.13 Drain current as a function of gate 1
(= VGG) and drain supply voltage;
typical values; see Fig.20.
VG2-S =4V.
RG1 connected to VGG; Tj =25 °C.
handbook, halfpage
0
20
10
15
5
0
24
8
MLD274
6
V
= V
(V)
GG
DS
I D
(mA)
R
= 47 k
G1
68 k
82 k
100 k
120 k
150 k
180 k
220 k
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG).
Fig.14 Drain current as a function of gate 2 voltage;
typical values; see Fig.20.
handbook, halfpage
024
6
12
0
MLD276
8
4
I D
(mA)
4.5 V
4 V
3.5 V
3 V
V
(V)
G2 S
V
= 5 V
GG
Fig.15 Gate 1 current as a function of gate 2
voltage; typical values; see Fig.20.
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG).
handbook, halfpage
02
46
40
30
10
0
20
MLB945
I G1
(
µA)
V
(V)
G2 S
4.5 V
4 V
3.5 V
3 V
V
= 5 V
GG
Rev. 06 - 13 November 2007
7 of 14


Numéro de pièce similaire - BF904R

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF904R PHILIPS-BF904R Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904R NXP-BF904R Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
BF904R NXP-BF904R Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results

Description similaire - BF904R

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com