Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP63-03 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BAP63-03
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP63-03 Fiches technique(HTML) 3 Page - NXP Semiconductors

  BAP63-03_00 Datasheet HTML 1Page - NXP Semiconductors BAP63-03_00 Datasheet HTML 2Page - NXP Semiconductors BAP63-03_00 Datasheet HTML 3Page - NXP Semiconductors BAP63-03_00 Datasheet HTML 4Page - NXP Semiconductors BAP63-03_00 Datasheet HTML 5Page - NXP Semiconductors BAP63-03_00 Datasheet HTML 6Page - NXP Semiconductors BAP63-03_00 Datasheet HTML 7Page - NXP Semiconductors BAP63-03_00 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 May 18
3
Philips Semiconductors
Product specification
Silicon PIN diode
BAP63-03
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF = 50 mA
0.95
1.1
V
IR
reverse leakage current
VR =35V
10
nA
Cd
diode capacitance
VR = 0; f = 1 MHz
0.4
pF
VR = 1 V; f = 1 MHz
0.35
pF
VR = 20 V; f = 1 MHz
0.27
0.32
pF
rD
diode forward resistance
IF = 0.5 mA; f = 100 MHz; note 1
2.5
3.5
IF = 1 mA; f = 100 MHz; note 1
1.95
3
IF = 10 mA; f = 100 MHz; note 1
1.17
1.8
IF = 100 mA; f = 100 MHz; note 1 0.9
1.5
|s
21|
2
isolation
VR = 0; f = 900 MHz
15.4
dB
VR = 0; f = 1800 MHz
10.1
dB
VR = 0; f = 2450 MHz
7.8
dB
|s
21|
2
insertion loss
IF = 0.5 mA; f = 900 MHz
0.21
dB
IF = 0.5 mA; f = 1800 MHz
0.28
dB
IF = 0.5 mA; f = 2450 MHz
0.38
dB
|s
21|
2
insertion loss
IF = 1 mA; f = 900 MHz
0.18
dB
IF = 1 mA; f = 1800 MHz
0.26
dB
IF = 1 mA; f = 2450 MHz
0.35
dB
|s
21|
2
insertion loss
IF = 10 mA; f = 900 MHz
0.13
dB
IF = 10 mA; f = 1800 MHz
0.20
dB
IF = 10 mA; f = 2450 MHz
0.30
dB
|s
21|
2
insertion loss
IF = 100 mA; f = 900 MHz
0.10
dB
IF = 100 mA; f = 1800 MHz
0.18
dB
IF = 100 mA; f = 2450 MHz
0.28
dB
τ
L
charge carrier life time
when switched from IF =10mA to
IR = 6 mA; RL = 100 Ω;
measured at IR =3mA
310
ns
LS
series inductance
1.5
nH
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
120
K/W


Numéro de pièce similaire - BAP63-03_00

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BAP63-03 JMNIC-BAP63-03_15 Datasheet
72Kb / 8P
   Silicon PIN diode
BAP63-03_2015 JMNIC-BAP63-03_2015 Datasheet
72Kb / 8P
   Silicon PIN diode
More results

Description similaire - BAP63-03_00

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com