Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC876564A Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC876564A
Description  8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876564A Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC876564A Datasheet HTML 1Page - Sanyo Semicon Device LC876564A Datasheet HTML 2Page - Sanyo Semicon Device LC876564A Datasheet HTML 3Page - Sanyo Semicon Device LC876564A Datasheet HTML 4Page - Sanyo Semicon Device LC876564A Datasheet HTML 5Page - Sanyo Semicon Device LC876564A Datasheet HTML 6Page - Sanyo Semicon Device LC876564A Datasheet HTML 7Page - Sanyo Semicon Device LC876564A Datasheet HTML 8Page - Sanyo Semicon Device LC876564A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
91400 RM (IM) SK No.6716-1/23
Ver.1.05
12000
Preliminary
Overview
The LC876572A and LC876564A are 8 bit single chip microcontrollers with the following on-chip functional blocks :
- CPU: operable at a minimum bus cycle time of 100 ns
- On-chip ROM Maximum Capacity :
LC876572A
72K bytes
LC876564A
64K bytes
- On-chip RAM: 2048 bytes
- VFD automatic display controller / driver
- 16 bit timer / counter (can be divided into two 8 bit timers)
- 16 bit timer / PWM (can be divided into two 8 bit timers)
- timer for use as date / time clock
- synchronous serial I/O port (with automatic block transmit / receive function)
- asynchronous / synchronous serial I/O port
- 12-channel
× 8-bit AD converter
- Weak signal detector
- 15-source 10-vectored interrupt system
All of the above functions are fabricated on a single chip.
Features
(1) Read-Only Memory (ROM): LC876572A
73728
× 8 bits
LC876564A
65536
× 8 bits
(2) Random Access Memory (RAM): LC876572A/64A
2048
× 9 bits
(3) Minimum Bus Cycle Time: 100 ns (10 MHz)
Note: The bus cycle time indicates ROM read time.
8-Bit Single Chip Microcontroller with
72/64 KB ROM and 2048-Byte RAM On Chip
LC876572A/64A
Ordering number : ENN*6716
CMOS IC


Numéro de pièce similaire - LC876564A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC876580B SANYO-LC876580B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results

Description similaire - LC876564A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com