Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC867232 Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC867232
Description  8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC867232 Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC867232 Datasheet HTML 7Page - Sanyo Semicon Device LC867232 Datasheet HTML 8Page - Sanyo Semicon Device LC867232 Datasheet HTML 9Page - Sanyo Semicon Device LC867232 Datasheet HTML 10Page - Sanyo Semicon Device LC867232 Datasheet HTML 11Page - Sanyo Semicon Device LC867232 Datasheet HTML 12Page - Sanyo Semicon Device LC867232 Datasheet HTML 13Page - Sanyo Semicon Device LC867232 Datasheet HTML 14Page - Sanyo Semicon Device LC867232 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LC86P7248
No.6838-11/20
3. Electrical Characteristics at Ta=-30
°C to +70°C, VSS=VSS1=VSS2=VSS3=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
IIH(1)
•Port 1
•Port 0 without
pull-up MOS Tr.
•Output disable
•Pull-up MOS Tr.
OFF. VIN=VDD
(including the off-
leak current of the
output Tr.)
4.5 to 6.0
1
IIH(2)
•Port 7 without
pull-up MOS Tr.
•Port 8
VIN=VDD
4.5 to 6.0
1
IIH(3)
Port 3
VIN=VDD
4.5 to 6.0
1
IIH(4)
Ports
A,B,C,D,E,F,L
VIN=VDD
4.5 to 6.0
1
IIH(5)
RES
VIN=VDD
4.5 to 6.0
1
Input high
current
IIH(6)
Ports 74 ,75
Using as port
VIN=VDD
4.5 to 6.0
1
IIL(1)
•Port 1
•Port 0 without
pull-up MOS Tr.
•Output disable
•Pull-up MOS Tr.
OFF. VIN=VSS
(including the off-
leak current of the
output Tr.)
4.5 to 6.0
-1
IIL(2)
•Port 7 without
pull-up MOS Tr.
•Port 8
VIN=VSS
4.5 to 6.0
-1
IIL(3)
Port 3
VIN=VSS
4.5 to 6.0
-1
IIL(4)
Ports
A,B,C,D,E,F,L
VIN=VSS
4.5 to 6.0
-1
IIL(5)
RES
VIN=VSS
4.5 to 6.0
-1
Input low
current
IIL(6)
Ports 74 ,75
Using as port
VIN=VSS
4.5 to 6.0
-1
µA
VOH(1)
Ports 0,1 of
CMOS output
IOH=-1.0mA
4.5 to 6.0
VDD-1
Output high
voltage
VOH(2)
•Port 3 of CMOS
output
•Ports A,B,C,D,E,F
of CMOS output
IOH=-1.0mA
4.5 to 6.0
VDD-1
VOL(1)
IOL=10mA
4.5 to 6.0
1.5
VOL(2)
Ports 0, 1
IOL=1.6mA
4.5 to 6.0
0.4
VOL(3)
Port 70
IOL=1mA
4.5 to 6.0
0.4
VOL(4)
IOL=10mA
4.5 to 6.0
1.5
VOL(5)
Port 3
IOL=1.6mA
4.5 to 6.0
0.4
VOL(6)
IOL=8mA
4.5 to 6.0
1.5
Output low
voltage
VOL(7)
Ports A,B,C,D,E,F
Of CMOS output
IOL=1.6mA
4.5 to 6.0
0.4
V
Continue.


Numéro de pièce similaire - LC867232

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC867232 SANYO-LC867232 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results

Description similaire - LC867232

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com