Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC866524 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LC866524
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866524 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LC866524 Datasheet HTML 3Page - Sanyo Semicon Device LC866524 Datasheet HTML 4Page - Sanyo Semicon Device LC866524 Datasheet HTML 5Page - Sanyo Semicon Device LC866524 Datasheet HTML 6Page - Sanyo Semicon Device LC866524 Datasheet HTML 7Page - Sanyo Semicon Device LC866524 Datasheet HTML 8Page - Sanyo Semicon Device LC866524 Datasheet HTML 9Page - Sanyo Semicon Device LC866524 Datasheet HTML 10Page - Sanyo Semicon Device LC866524 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LC86P6548
No.6690-7/22
LC86P6548 Pin Description
Pin name
I/O
Function description
Option
PROM mode
VSS1,2
-
Power pin (-)
*4
-
-
VDD1,2,3,4
-
Power pin (+)
*4
-
-
VP
-
Power pin (+) for the VFD output pull-down resist
-
-
PORT0
P00 to P07
I/O
•8-bit input/output port
•Input for port 0 interrupt
•Input/output in nibble units
•Input for HOLD release
•15V withstand at N-channel open drain
output
•Pull-up resistor :
Provided/Not provided
(each nibble)
•Output form :
CMOS/N-channel open
drain (each bit)
-
PORT1
P10 to P17
I/O
•8-bit input/output port
•Input/output can be specified in a bit unit
•Other pin functions
P10 SIO0 data output
P11 SIO0 data input/bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input/bus input/output
P15 SIO1 clock input/output
P16 Buzzer output
P17 Timer 1 output (PWM0 output)
•Output form :
CMOS/N-channel open
drain (each bit)
Data line
D0 to D7
PORT3
P30 to P37
I/O
•8-bit input/output port
•Input/output in bit unit
•15V withstand at N-channel open drain
output
•Output form :
CMOS/N-channel open
drain (each bit)
-
•4-bit input/output port
•Input/output in bit unit
•2-bit input port
•Other pin functions
P70 : INT0 input/HOLD release/N-channel Tr.
output for watchdog timer
P71 : INT1 input/HOLD release input
P72 : INT2 input/timer 0 event input
P73 : INT3 input with noise filter/timer 0 event
input
P74 : 32.768kHz crystal oscillation terminal XT1
P75 : 32.768kHz crystal oscillation terminal XT2
•Interrupt received forms, the vector addresses
rising falling rising
&
falling
high
level
low
level
vector
INT0 enable enable disable enable enable
03H
INT1 enable enable disable enable enable 0BH
INT2 enable enable enable disable disable 13H
PORT7
P70 to P73
P74
to P75
I/O
I
INT3 enable enable enable disable disable 1BH
PROM control
signals
DASEC (*1)
OE (*2)
‚bE (*3)
Continue.
CE


Numéro de pièce similaire - LC866524

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC866524 SANYO-LC866524 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866524A SANYO-LC866524A Datasheet
641Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC866524

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com