Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA4708N Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LA4708N
Description  Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4708N Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LA4708N Datasheet HTML 1Page - Sanyo Semicon Device LA4708N Datasheet HTML 2Page - Sanyo Semicon Device LA4708N Datasheet HTML 3Page - Sanyo Semicon Device LA4708N Datasheet HTML 4Page - Sanyo Semicon Device LA4708N Datasheet HTML 5Page - Sanyo Semicon Device LA4708N Datasheet HTML 6Page - Sanyo Semicon Device LA4708N Datasheet HTML 7Page - Sanyo Semicon Device LA4708N Datasheet HTML 8Page - Sanyo Semicon Device LA4708N Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LA4708N
Features of IC Inside and Usage Notes
Standby function
• Pin 5 is the standby switch pin. The amplifier is
turned on by applying approximately 2.5V or more
to this pin through an external resistor (R1).
• If voltage in excess of 13.2V is to be applied to the
standby switch, calculate the value of R1 using the
following formula so that the current flowing into
pin 5 is 500
μA or less:
R1 =
− 10kΩ
Applied voltage
− 1.4V
500
μA
Mute function
• Pin 6 is the connector for the capacitor that determines the on time in order to prevent pop noise. By grounding this
pin, the amplifier can implement mute operation. In this case, the recovery time depends on C3.
How to reduce pop noise
• Although the LA4708N reduces pop noise, an electrolytic capacitor of between 0.47 and 2.2μF can be connected
between pin 8 and the pre-GND to further reduce pop noise that occurs when power supply is turned on/off
(standby switch on/off). The larger the capacitance, the lower the frequency of pop noise, and it is barely audible,
but sound residue of the sound signal is liable to linger when power is turned off. Pin 8 is the bias pin for the output
amplifier and normally is left open.
Protectors
• In an output-to-ground and output-to-VCC short protector system configuration, if a DC resistor is connected
between amplifier output pin and GND, the protector may operate, causing the amplifier not to start operating.
Therefore, as a general rule, no DC resistor should be connected between amplifier output pin and GND.
• In order to prevent damage or degradation which may be caused by abnormally heated IC, the LA4708N has a thermal
shutdown protector. Accordingly, if the IC junction temperature (Tj) climbs to around 170 to 180
°C due to inadequate
heat dissipation, the thermal shutdown protector will operate to control the output gradually into attenuation.
• Also be fully careful of handling other protectors built in the LA4708N.
Miscellaneous
• Since pins 1 and 9, which are unused, are connected internally, they must be left open.
• Pin 10 is an NC pin (no internal connection).
No. A1783-5/9


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn