Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA4708N Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LA4708N
Description  Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4708N Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LA4708N Datasheet HTML 1Page - Sanyo Semicon Device LA4708N Datasheet HTML 2Page - Sanyo Semicon Device LA4708N Datasheet HTML 3Page - Sanyo Semicon Device LA4708N Datasheet HTML 4Page - Sanyo Semicon Device LA4708N Datasheet HTML 5Page - Sanyo Semicon Device LA4708N Datasheet HTML 6Page - Sanyo Semicon Device LA4708N Datasheet HTML 7Page - Sanyo Semicon Device LA4708N Datasheet HTML 8Page - Sanyo Semicon Device LA4708N Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LA4708N
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max 1
No signal, t = 60s
24
V
Maximum supply voltage
VCC max 2
16
V
Surge supply voltage
VCC surge
t
≤ 0.2s, single giant pulse
50
V
Maximum output current
IO peak
Per channel
4.5
A
Allowable power dissipation
Pd max
Arbitrarily large heat sink
37.5
W
Operating temperature
Topr
−35 to +85
°C
Storage temperature
Tstg
−40 to +150
°C
* Set VCC, RL in a range that does not exceed Pd max = 37.5W
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
13.2
V
Operating voltage range
VCC op
Range where Pd max is not exceeded
9 to 16
V
Recommended load resistance
RL
4
Ω
Recommended load resistance range
RL op
2 to 4
Ω
Electrical Characteristics at Ta = 25
°C, VCC = 13.2V, RL = 4Ω, f = 1kHz, Rg = 600Ω
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
70
150
250
mA
Standby current
lst
10
60
μA
Voltage gain
VG
38
40
42
dB
Total harmonic distortion
THD
PO = 2W
0.07
0.4
%
PO1
THD = 10%
16
20
W
PO2
THD = 10%, VCC = 14.4V
24
W
Output power
PO3
THD = 10%, RL = 2Ω
30
W
Output offset voltage
VN offset
Rg = 0
−300
+300
mV
Output noise voltage
VNO
Rg = 0, B.P.F. = 20Hz to 20kHz
0.1
0.5
mVrms
Ripple rejection ratio
SVRR
Rg = 0, fR = 100Hz, VR = 0dBm
40
50
dB
Channel separation
CHsep
Rg = 10k
Ω, VO = 0dBm
50
60
dB
Input resistance
ri
21
30
39
k
Ω
Standby pin applied voltaga
Vst
Amp on, applied through 10k
Ω
2.5
VCC
V
Package Dimensions
unit : mm (typ)
3109A
No. A1783-2/9
1
18
36.8
(30.0)
(R1.7)
4.5
HEAT SPREADER
1.0
2.25
0.4
0.5
2.0
(1.4)
SANYO : SIP18H


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn