Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA4708N Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LA4708N
Description  Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4708N Fiches technique(HTML) 8 Page - Sanyo Semicon Device

  LA4708N Datasheet HTML 1Page - Sanyo Semicon Device LA4708N Datasheet HTML 2Page - Sanyo Semicon Device LA4708N Datasheet HTML 3Page - Sanyo Semicon Device LA4708N Datasheet HTML 4Page - Sanyo Semicon Device LA4708N Datasheet HTML 5Page - Sanyo Semicon Device LA4708N Datasheet HTML 6Page - Sanyo Semicon Device LA4708N Datasheet HTML 7Page - Sanyo Semicon Device LA4708N Datasheet HTML 8Page - Sanyo Semicon Device LA4708N Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LA4708N
100
16
36
34
32
30
28
26
24
22
20
18
PO -- Ta
Ambient temperature, Ta --
°C
JK470824
-40
-20
0
20
40
60
80
RL = 4Ω
RL = 2Ω
28
0
12
10
8
6
4
2
VN -- VCC
Supply voltage, VCC -- V
JK470822
04
8
12
16
20
24
RL = Open
Rg = 0
VCC = 13.2V
Rg = 600
Ω
f = 1kHz
THD = 10%
100
0
200
180
160
140
120
100
80
60
40
20
ICCO -- Ta
Ambient temperature, Ta --
°C
JK470823
-40
-20
0
20
40
60
80
VCC = 13.2V
RL = Open
Rg = 0
8
0
8
7
6
5
4
3
2
1
VN -- VST
Standby pin applied voltage, VST -- V JK470826
0
12
3
456
7
VCC = 13.2V
RL = 4Ω
Rg = 0
Apply VST to standby pin (pin 5)
through 10k
Ω.
2
0
1.2
1.0
0.8
0.6
0.4
0.2
Amp ON time -- C3
C3 --
μF
JK470827
23
5
7
10
23
5
7
100
VCC = 13.2V
VST = 5V
(Apply to pin 5 through 10k
Ω.)
Dual channel drive
2
5
3
2
0.1
7
5
3
THD -- Ta
Ambient temperature, Ta --
°C
JK470825
100
-40
-20
0
20
40
60
80
VCC = 13.2V
RL = 4Ω
Rg = 600
Ω
f = 1kHz
PO = 2W
Dual channel drive
PS No. A1783-8/9


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn