Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC867108 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LC867108
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC867108 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LC867108 Datasheet HTML 3Page - Sanyo Semicon Device LC867108 Datasheet HTML 4Page - Sanyo Semicon Device LC867108 Datasheet HTML 5Page - Sanyo Semicon Device LC867108 Datasheet HTML 6Page - Sanyo Semicon Device LC867108 Datasheet HTML 7Page - Sanyo Semicon Device LC867108 Datasheet HTML 8Page - Sanyo Semicon Device LC867108 Datasheet HTML 9Page - Sanyo Semicon Device LC867108 Datasheet HTML 10Page - Sanyo Semicon Device LC867108 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LC86E7148
No.6748-7/20
Pin Description
Pin name
I/O
Function description
Option
PROM mode
VSS1 *1
-
Power pin (–)
-
VSS2 *1
-
Power pin (–)
-
VSS3 *1
-
Power pin (–)
-
VDD1 *1
-
Power pin (+)
-
VDD2 *1
-
Power pin (+)
-
VDD3 *1
-
Power pin (+)
-
PORT0
P00 - P07
I/O
• 8-bit input/output port
Input/output in nibble units
• Input for port 0 interrupt
• Input for HOLD release
• Pull-up resistor :
Provided/Not provided
(specified in nibble units)
• Output form (P00 – P07) :
CMOS/N-channel open drain
(specified in a bit)
PORT1
P10 - P17
I/O
• 8-bit input/output port
Input/output can be specified in bit unit
• Other pin functions
P10 SIO0 data output
P11 SIO0 data input/bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input/bus input/output
P15 SIO1 clock input/output
P16 Buzzer output
P17 Timer1 output (PWM output)
• Output form :
CMOS/N-channel open drain
(specified in a bit)
Data line
D0 to D7
• 6-bit input port
• Other pin functions
P70 : INT0 input/HOLD release input/
N-channel Tr. output for watchdog timer
P71 : INT1 input/HOLD release input
P72 : INT2 input/timer 0 event input
P73 : INT3 input with noise filter/timer 0
event input
• Interrupt received form, vector address
Pull-up resistor :
Provided/Not provided
(specified in a bit)
(P70, P71, P72, P73)
* P74 , P75 don’t have the pull-up
resistor option.
rising
falling
rising
&
falling
high
level
low
level
vector
INT0
enable
enable
disable
enable
enable
03H
INT1
enable
enable
disable
enable
enable
0BH
INT2
enable
enable
enable
disable disable
13H
INT3
enable
enable
enable
disable disable
1BH
PORT7
P70
P71 - P73
P74
- P75
I/O
I
I
P74
: XT1 terminal for crystal oscillation
P75 : XT2 terminal for crystal oscillation
Power for
programming
PROM control
signals
DASEC(*2)
OE(*3)
CE(*4)
Port8
P80 – P87
I
• 8-bit input port
• Other function
AD input port (8 port pins)
-
PORT9
P90 - P93
I/O
• 4-bit input/output port
• Other function
DA output port (4 port pins)
AD input port (4 port pins)
-


Numéro de pièce similaire - LC867108

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC867108 SANYO-LC867108 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Description similaire - LC867108

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com