Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74950BG Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LC74950BG
Description  CMOS IC Silicon gate 40/30MSPS Analog Display I/F LSI
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74950BG Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LC74950BG Datasheet HTML 3Page - Sanyo Semicon Device LC74950BG Datasheet HTML 4Page - Sanyo Semicon Device LC74950BG Datasheet HTML 5Page - Sanyo Semicon Device LC74950BG Datasheet HTML 6Page - Sanyo Semicon Device LC74950BG Datasheet HTML 7Page - Sanyo Semicon Device LC74950BG Datasheet HTML 8Page - Sanyo Semicon Device LC74950BG Datasheet HTML 9Page - Sanyo Semicon Device LC74950BG Datasheet HTML 10Page - Sanyo Semicon Device LC74950BG Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
LC74950BG
No.A1647-7/37
Continued from preceding page.
In/output format
Pin No.
Pin symbol
I/O
Format
Connecting
destination
Remarks
J1
SVO
O
A
to 1.0Vp-p
Analog
Test pin. It must be held open when not to be used.
J2
AVSS_OSC
P
GND
Analog
J3
YGOUT1
I/O
I
3.3V CMOS
Digital
Video signal output Y or G
J4
YGOUT7
I/O
I
3.3V CMOS
Digital
Video signal output Y or G (MSB)
J5
YGOUT4
I/O
I
3.3V CMOS
Digital
Video signal output Y or G
J6
CROUT0
I/O
I
3.3V CMOS
Video signal output Cr or R (LSB)
J7
CROUT3
I/O
I
3.3V CMOS
Digital
Video signal output Cr or R
J8
CROUT5
I/O
I
3.3V CMOS
Digital
Video signal output Cr or R
J9
DVDD33
P
3.3V
Digital
J10
CROUT6
I/O
I
3.3V CMOS
Digital
Video signal output Cr or R
K1
AVSS_OSC
P
GND
Analog
It must be treated in the same way as an NC pin.
K2
YGOUT0
I/O
I
3.3V CMOS
Digital
Video signal output Y or G (LSB)
K3
YGOUT2
I/O
I
3.3V CMOS
Digital
Video signal output Y or G
K4
YGOUT3
I/O
I
3.3V CMOS
Digital
Video signal output Y or G
K5
YGOUT5
I/O
I
3.3V CMOS
Digital
Video signal output Y or G
K6
YGOUT6
I/O
I
3.3V CMOS
Digital
Video signal output Y or G
K7
CROUT1
I/O
I
3.3V CMOS
Video signal output Cr or R
K8
CROUT2
I/O
I
3.3V CMOS
Digital
Video signal output Cr or R
K9
CROUT4
I/O
I
3.3V CMOS
Digital
Video signal output Cr or R
K10
DVDD33
P
3.3V
Digital
It must be treated in the same way as an NC pin.


Numéro de pièce similaire - LC74950BG

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
More results

Description similaire - LC74950BG

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
logo
NEC
UPD6700 NEC-UPD6700 Datasheet
384Kb / 12P
   FIP STATIC DISPLAY DRIVER CMOS LSI
logo
ON Semiconductor
LC898301AXA ONSEMI-LC898301AXA Datasheet
160Kb / 12P
   Liner Vibrator Driver IC CMOS LSI
May, 2022 - Rev. 4
logo
Sanyo Semicon Device
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
logo
Nippon Precision Circui...
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
   Analog Clock CMOS IC
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
   Analog Clock CMOS IC
CF5732EA NPC-CF5732EA Datasheet
42Kb / 6P
   Analog clock CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com