Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC866532 Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LC866532
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866532 Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LC866532 Datasheet HTML 6Page - Sanyo Semicon Device LC866532 Datasheet HTML 7Page - Sanyo Semicon Device LC866532 Datasheet HTML 8Page - Sanyo Semicon Device LC866532 Datasheet HTML 9Page - Sanyo Semicon Device LC866532 Datasheet HTML 10Page - Sanyo Semicon Device LC866532 Datasheet HTML 11Page - Sanyo Semicon Device LC866532 Datasheet HTML 12Page - Sanyo Semicon Device LC866532 Datasheet HTML 13Page - Sanyo Semicon Device LC866532 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC86E6548
No.6747-10/21
1. Absolute Maximum Ratings at VSS1=VSS2=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX VDD1, VDD2
VDD3, VDD4
VDD1=VDD2
=VDD3=VDD4
-0.3
+7.0
VI(1)
•Ports 74 ,75
•Ports 80,81,82,83
•Port 8
RES
-0.3
VDD+0.3
Input voltage
VI(2)
VP
VDD-45
VDD+0.3
Output voltage
VO(1)
S0/T0 to S15/T15
VDD-45
VDD+0.3
VIO(1)
•Port 1
•Ports 70,71,72,73
•Ports 84,85,86,87
•Ports 0, 3 at CMOS
output option
-0.3
VDD+0.3
VIO(2)
Ports 0, 3 at N-ch open
drain output option
-0.3
15
Input/Output
voltage
VIO(3)
S16 to S51
VDD-45
VDD+0.3
V
IOPH(1)
Ports 0, 1, 3
•CMOS output
•At each pins
-10
IOPH(2)
S0/T0 to S15/T15
At each pins
-30
Peak
output
current
IOPH(3)
S16 to S51
At each pins
-15
ΣIOAH(1) Port 0
The total of all pins
-30
ΣIOAH(2) Ports 1, 3
The total of all pins
-30
ΣIOAH(3) S0/T0 to S15/T15
The total of all pins
-55
ΣIOAH(4) S16 to S27
The total of all pins
-60
ΣIOAH(5) S28to S39
The total of all pins
-60
High
level
output
current
Total
output
current
ΣIOAH(6) S40 to S51
The total of all pins
-60
IOPL(1)
Ports 0,1,3
At each pins
20
Peak
output
current
IOPL(2)
•Ports 70,71,72,73
•Ports 84,85,86,87
At each pins
15
ΣIOAL(1) Port 0
The total of all pins
60
ΣIOAL(2) Ports 1,3,70
The total of all pins
50
Low
level
output
current
Total
output
current
ΣIOAL(3) •Ports 71,72,73
•Ports 84,85,86,87
The total of all pins
20
mA
Maximum power
dissipation
Pdmax
QFC100S
Ta=+10 to+40
°C
500
mW
Operating
temperature
range
Topr
+10
+40
Storage
temperature
range
Tstg
-55
+125
°C


Numéro de pièce similaire - LC866532

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC866532 SANYO-LC866532 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866532A SANYO-LC866532A Datasheet
641Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC866532

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com