Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC866540 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC866540
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866540 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC866540 Datasheet HTML 1Page - Sanyo Semicon Device LC866540 Datasheet HTML 2Page - Sanyo Semicon Device LC866540 Datasheet HTML 3Page - Sanyo Semicon Device LC866540 Datasheet HTML 4Page - Sanyo Semicon Device LC866540 Datasheet HTML 5Page - Sanyo Semicon Device LC866540 Datasheet HTML 6Page - Sanyo Semicon Device LC866540 Datasheet HTML 7Page - Sanyo Semicon Device LC866540 Datasheet HTML 8Page - Sanyo Semicon Device LC866540 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
91400 RM (IM) SK No.6747-1/21
Ver.1.02
73196
Preliminary
Overview
The LC86E6548 is a CMOS 8-bit single chip microcontroller with UVEPROM for the LC866500 series.
This microcontroller has the function and the pin description of the LC866500 series mask ROM version, and 48K-byte
EPROM. The program data is rewritable. It is suitable to develop the program.
Features
(1) Option switching by EPROM data
The option function of the LC866500 series can be specified by the EPROM data.
LC86E6548 can be checked the function of the trial pieces using the mass production board.
(2) Internal one-time EPROM capacity :
49408 bytes
(3) Internal RAM capacity
:
1152 bytes
Used EPROM or RAM capacity are equal ROM or RAM capacity of mask ROM version which applies
LC86E6548 .
Mask ROM version
EPROM capacity
RAM capacity
LC866548
49152 bytes
1152 bytes
LC866540
40960 bytes
1152 bytes
LC866532
32768 bytes
1152 bytes
LC866528
28672 bytes
896 bytes
LC866524
24576 bytes
896 bytes
8-Bit Single Chip Microcontroller
with the UVEPROM
LC86E6548
Ordering number : ENN*6747
CMOS IC


Numéro de pièce similaire - LC866540

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC866540 SANYO-LC866540 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866540A SANYO-LC866540A Datasheet
641Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC866540

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com