Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM358S-13 Fiches technique(PDF) 10 Page - Diodes Incorporated

No de pièce LM358S-13
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM358S-13 Fiches technique(HTML) 10 Page - Diodes Incorporated

Back Button LM358S-13 Datasheet HTML 6Page - Diodes Incorporated LM358S-13 Datasheet HTML 7Page - Diodes Incorporated LM358S-13 Datasheet HTML 8Page - Diodes Incorporated LM358S-13 Datasheet HTML 9Page - Diodes Incorporated LM358S-13 Datasheet HTML 10Page - Diodes Incorporated LM358S-13 Datasheet HTML 11Page - Diodes Incorporated LM358S-13 Datasheet HTML 12Page - Diodes Incorporated LM358S-13 Datasheet HTML 13Page - Diodes Incorporated LM358S-13 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LM358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM358
Document number: DS35167 Rev. 2 - 2
10 of 14
www.diodes.com
February 2011
© Diodes Incorporated
Typical Performance Characteristics
Input Voltage Range
0
5
10
15
0
5
10
15
V+ or V- Power Supply Voltage (±V)
NEGATIVE
POSITIVE
Input Current vs Temperature
0.0
20.0
40.0
60.0
80.0
100.0
025
50
75
100
Temperature (℃)
V+ = 30V
V+ =15V
V+ =5V
Supply Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
5
1015
20253035
Supply Voltage (V)
Voltage Gain
0
20
40
60
80
100
120
140
0
10
203040
Supply Voltage (V)
RL=2K
RL=20K
Open Loop Frequency Response
0
20
40
60
80
100
120
Input Freuency (Hz)
1
10
100
1K
10K
100K
1M
V+ = 30V
V+ = 15V
Common-Mode Rejection Ratio
0
20
40
60
80
Freouency (Hz)
100
1K
10K
100K
1M


Numéro de pièce similaire - LM358S-13

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
STMicroelectronics
LM358S STMICROELECTRONICS-LM358S Datasheet
286Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
TAITRON Components Inco...
LM358S8-XX-AR TAITRON-LM358S8-XX-AR Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358S8-XX-BL TAITRON-LM358S8-XX-BL Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358S8-XX-TR30 TAITRON-LM358S8-XX-TR30 Datasheet
536Kb / 11P
   Dual Operational Amplifier
More results

Description similaire - LM358S-13

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com